Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4355ABCZ Datasheet(PDF) 42 Page - Analog Devices

Part # ADA4355ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver 關Module
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4355ABCZ Datasheet(HTML) 42 Page - Analog Devices

Back Button ADA4355ABCZ Datasheet HTML 37Page - Analog Devices ADA4355ABCZ Datasheet HTML 38Page - Analog Devices ADA4355ABCZ Datasheet HTML 39Page - Analog Devices ADA4355ABCZ Datasheet HTML 40Page - Analog Devices ADA4355ABCZ Datasheet HTML 41Page - Analog Devices ADA4355ABCZ Datasheet HTML 42Page - Analog Devices ADA4355ABCZ Datasheet HTML 43Page - Analog Devices ADA4355ABCZ Datasheet HTML 44Page - Analog Devices ADA4355ABCZ Datasheet HTML 45Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 45 page
background image
ADA4355
Data Sheet
Rev. A | Page 42 of 45
MEMORY MAP REGISTER DESCRIPTIONS
For information on registers not described herein, and for
general information about the functions controlled in
Register 0x00 to Register 0xFF, see the AN-877 Application Note,
Interfacing to High Speed ADCs via SPI.
Chip ID (Register 0x01)
The power-on default value of this register is 0x8B.
Register 0x01 is a read-only register that is used for chip
identification and for SPI authentication.
Device Index (Register 0x05)
The power-on default value of this register is 0x33.
Bits[7:6]—Open
Bit 5—Clock Channel DCO
Bit 5 is used to select the output DCO clock channel.
Bit 4—Clock Channel FCO
Bit 4 is used to select the output FCO clock channel.
Bits[3:2]—Open
Bits[1:0]—Data Channel
Setting Bit 1 enables the data channel to receive SPI write
commands. To ensure Bit 0 is configured correctly, perform the
SPI write commands in the ADC SPI Start-Up Sequence
section immediately after start-up or reset.
ADC Power Modes (Register 0x08)
The power-on default value of this register is 0x00.
Bits[7:2]—Open
Bits[1:0]—Power Mode
In normal operation (Bits[1:0] = 00), ADC is active.
In power-down mode (Bits[1:0] = 01), the digital datapath
clocks are disabled, while the digital datapath is reset. Outputs
are disabled.
In standby mode (Bits[1:0] = 10), the digital datapath clocks,
and the outputs are disabled.
During a digital reset (Bits[1:0] = 11), all digital clocks and
outputs (where applicable) on the chip are reset, except the SPI
port. The SPI port is always left under control of the user, that
is, the port is never automatically disabled or in reset, except by
power-on reset.
Clock (Register 0x09)
The power-on default value of this register is 0x00
Bits[7:1]—Open
Bit 0—DCS
This bit turns the DCS on and off.
Clock Divide (Register 0x0B)
The power-on default value of this register is 0x00
Bits[7:3]—Open
Bits[2:0]—Clock Divide Ratio
Bits [2:0] are used to set the clock divide ratio.
Output Mode (Register 0x14)
The power-on default value of this register is 0x01.
Bit 7—Open
Bit 6—LVDS-ANSI/LVDS-IEEE Option
Setting this bit selects the LVDS-IEEE (reduced range) option.
The default setting for this bit is LVDS-ANSI. When LVDS-
ANSI or the LVDS-IEEE reduced range link is selected, the
driver current is automatically selected to give the proper
output swing.
Table 18. LVDS-ANSI/LVDS-IEEE Options
Bit 6
Output Mode
Output Driver Current
0
LVDS-ANSI (default)
Automatically selected to
give proper swing
1
LVDS-IEEE reduced range link
Automatically selected to
give proper swing
Bits[5:3]—Open
Bit 2—Output Invert
Setting this bit inverts the output bit stream.
Bit 1—Open
Bit 0—Output Format
By default, this bit is set to send the data output in twos
complement format. Clearing this bit to 0 changes the output
mode to offset binary.
Output Adjust (Register 0x15)
The power-on default value of this register is 0x00.
Bits[7:6]—Open
Bits[5:4]—Output Driver Termination
These bits allow the user to select the internal termination resistor.
Bits[3:1]—Open
Bit 0—Output Driver
Bit 0 of the output adjust register controls the drive strength on
the LVDS driver of the FCO and DCO outputs only. The default
value sets the drive to 1×, or the drive can increase to 2× by setting
the appropriate channel bit in Register 0x05 and then setting Bit 0,
Register 0x15. These features cannot be used with the output
driver termination select. The termination selection takes
precedence over the 2× driver strength on FCO and DCO when
both the output driver termination and output driver are selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com