Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4355ABCZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADA4355ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver 關Module
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4355ABCZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADA4355ABCZ Datasheet HTML 15Page - Analog Devices ADA4355ABCZ Datasheet HTML 16Page - Analog Devices ADA4355ABCZ Datasheet HTML 17Page - Analog Devices ADA4355ABCZ Datasheet HTML 18Page - Analog Devices ADA4355ABCZ Datasheet HTML 19Page - Analog Devices ADA4355ABCZ Datasheet HTML 20Page - Analog Devices ADA4355ABCZ Datasheet HTML 21Page - Analog Devices ADA4355ABCZ Datasheet HTML 22Page - Analog Devices ADA4355ABCZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
Data Sheet
ADA4355
Rev. A | Page 19 of 45
TIME (µs)
–200
–100
0
100
200
300
400
500
600
700
SOURCE CAPACITANCE = 0.5pF
SOURCE CAPACITANCE = 2pF
SOURCE CAPACITANCE = 5pF
SOURCE CAPACITANCE = 10pF
–0.10
–0.05
0.05
0
0.10
0.15
0.20
Figure 37. Pulse Response Rising Edge for Various Source Capacitances,
TZ = 2 kΩ, LPF = 100 MHz
TIME (µs)
–20
–10
0
10
20
30
40
50
60
70
–0.10
–0.05
0.05
0
0.10
0.15
0.20
SOURCE CAPACITANCE = 0.5pF
SOURCE CAPACITANCE = 2pF
SOURCE CAPACITANCE = 5pF
SOURCE CAPACITANCE = 10pF
Figure 38. Pulse Response Rising Edge for Various Source Capacitances,
TZ = 20 kΩ, LPF = 100 MHz
TIME (µs)
–2
–1
0
1
2
3
4
5
6
7
–1.0
–0.5
0.5
0
1.0
1.5
2.0
SOURCE CAPACITANCE = 0.5pF
SOURCE CAPACITANCE = 2pF
SOURCE CAPACITANCE = 5pF
SOURCE CAPACITANCE = 10pF
Figure 39. Pulse Response Rising Edge for Various Source Capacitances,
TZ = 200 kΩ, LPF = 1 MHz
TIME (µs)
–200
–100
0
100
200
300
400
500
600
700
0.25
0.30
0.35
0.20
SOURCE CAPACITANCE = 0.5pF
SOURCE CAPACITANCE = 2pF
SOURCE CAPACITANCE = 5pF
SOURCE CAPACITANCE = 10pF
Figure 40. Pulse Response Falling Edge for Various Source Capacitances,
TZ = 2 kΩ, LPF = 100 MHz
TIME (µs)
–20
–10
0
10
20
30
40
50
60
70
0.20
0.22
0.24
0.26
0.30
0.28
0.32
0.38
0.34
0.40
SOURCE CAPACITANCE = 0.5pF
SOURCE CAPACITANCE = 2pF
SOURCE CAPACITANCE = 5pF
SOURCE CAPACITANCE = 10pF
Figure 41. Pulse Response Falling Edge for Various Source Capacitances,
TZ = 20 kΩ, LPF = 100 MHz
TIME (µs)
–2
–1
0
1
2
3
4
5
6
7
4.0
4.5
5.5
5.0
6.0
6.5
7.0
SOURCE CAPACITANCE = 0.5pF
SOURCE CAPACITANCE = 2pF
SOURCE CAPACITANCE = 5pF
SOURCE CAPACITANCE = 10pF
Figure 42. Pulse Response Falling Edge for Various Source Capacitances,
TZ = 200 kΩ, LPF = 1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com