Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4355ABCZ Datasheet(PDF) 15 Page - Analog Devices

Part # ADA4355ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver 關Module
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4355ABCZ Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA4355ABCZ Datasheet HTML 11Page - Analog Devices ADA4355ABCZ Datasheet HTML 12Page - Analog Devices ADA4355ABCZ Datasheet HTML 13Page - Analog Devices ADA4355ABCZ Datasheet HTML 14Page - Analog Devices ADA4355ABCZ Datasheet HTML 15Page - Analog Devices ADA4355ABCZ Datasheet HTML 16Page - Analog Devices ADA4355ABCZ Datasheet HTML 17Page - Analog Devices ADA4355ABCZ Datasheet HTML 18Page - Analog Devices ADA4355ABCZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
Data Sheet
ADA4355
Rev. A | Page 15 of 45
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VCC = 3.3 V, no averaging, and LDO enabled (see the power scheme shown in Figure 3), unless otherwise noted.
FREQUENCY (Hz)
0.1
100k
1M
10M
100M
10k
0.01
0.001
0.0001
0.00001
NO AVERAGES
16k AVERAGES
65k AVERAGES
Figure 13. Noise Spectral Density, TZ = 2 kΩ, LPF = 100 MHz
FREQUENCY (Hz)
100k
1M
10M
100M
10k
0.01
0.1
SOURCE CAPACITANCE = 0.5pF
SOURCE CAPACITANCE = 2pF
SOURCE CAPACITANCE = 5pF
SOURCE CAPACITANCE = 10pF
Figure 14. Noise Spectral Density for Various Source Capacitances, TZ = 2 kΩ,
LPF = 100 MHz
FREQUENCY (Hz)
100k
1M
10M
100M
10k
0.001
0.0001
0.00001
–40°C
+25°C
+85°C
Figure 15. Noise Spectral Density for Various Temperatures, TZ = 2 kΩ,
LPF = 100 MHz
15
20
25
30
35
40
45
NOISE BANDWIDTH (Hz)
100k
1M
10M
100M
10k
1000
100
10
1
0.1
0.01
0.001
NO AVERAGES
16k AVERAGES
65k AVERAGES
Figure 16. RMS Noise and Optical Time Domain Reflectometry (OTDR)
Dynamic Range vs. Noise Bandwidth, TZ = 2 kΩ, LPF = 100 MHz
NOISE BANDWIDTH (Hz)
100k
1M
10M
100M
10k
0.01
0.1
1
10
16
18
20
22
24
26
28
SOURCE CAPACITANCE = 0.5pF
SOURCE CAPACITANCE = 2pF
SOURCE CAPACITANCE = 5pF
SOURCE CAPACITANCE = 10pF
Figure 17. RMS Noise and OTDR Dynamic Range vs. Noise Bandwidth for
Various Source Capacitances, TZ = 2 kΩ, LPF = 100 MHz
NOISE BANDWIDTH (Hz)
100k
1M
10M
100M
10k
0.001
0.01
0.1
1
30
35
40
45
–40°C
+25°C
+85°C
Figure 18. RMS Noise and OTDR Dynamic Range vs. Noise Bandwidth for
Various Temperatures, TZ = 2 kΩ, LPF = 100 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com