Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4355ABCZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADA4355ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver 關Module
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4355ABCZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADA4355ABCZ Datasheet HTML 16Page - Analog Devices ADA4355ABCZ Datasheet HTML 17Page - Analog Devices ADA4355ABCZ Datasheet HTML 18Page - Analog Devices ADA4355ABCZ Datasheet HTML 19Page - Analog Devices ADA4355ABCZ Datasheet HTML 20Page - Analog Devices ADA4355ABCZ Datasheet HTML 21Page - Analog Devices ADA4355ABCZ Datasheet HTML 22Page - Analog Devices ADA4355ABCZ Datasheet HTML 23Page - Analog Devices ADA4355ABCZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
ADA4355
Data Sheet
Rev. A | Page 20 of 45
100
10
1
0.1
0.01
1000
0
1
2
3
4
5
TIME (µs)
IIN = 62.5µA
IIN = 125µA
IIN = 250µA
IIN = 500µA
IIN = 625µA
Figure 43. Settling Time for Various Input Currents, TZ = 2 kΩ,
250 ns Pulse Width, LPF = 100 MHz
10
1
0.1
0.01
0.001
100
TIME (µs)
–5
0
5
10
15
20
25
30
35
40
IIN = 6.25µA
IIN = 12.5µA
IIN = 25µA
IIN = 50µA
IIN = 62.5µA
Figure 44. Settling Time for Various Input Currents, TZ = 20 kΩ,
2.5 µs Pulse Width, LPF = 1 MHz
10
1
0.1
0.01
0.001
0.0001
TIME (µs)
–5
0
5
10
15
20
25
30
35
40
IIN = 0.625µA
IIN = 1.25µA
IIN = 2.5µA
IIN = 5µA
IIN = 6.25µA
Figure 45. Settling Time for Various Input Currents, TZ = 200 kΩ,
5 µs Pulse Width, LPF = 1 MHz
0
0.1
0.2
0.3
0.4
0.5
TIME (µs)
IIN = 62.5µA
IIN = 125µA
IIN = 250µA
IIN = 500µA
IIN = 625µA
Figure 46. Settling Time for Various Input Currents, TZ = 2 kΩ,
10 ns Pulse Width, LPF = 100 MHz
10
100
1
0.1
0.01
0.001
TIME (µs)
0
1
2
3
4
5
IIN = 6.25µA
IIN = 12.5µA
IIN = 25µA
IIN = 50µA
IIN = 62.5µA
Figure 47. Settling Time for Various Input Currents, TZ = 20 kΩ,
250 ns Pulse Width, LPF = 100 MHz
TIME (µs)
0
2
4
6
8
10
12
14
16
18
20
IIN = 0.625µA
IIN = 1.25µA
IIN = 2.5µA
IIN = 5µA
IIN = 6.25µA
Figure 48. Settling Time for Various Input Currents, TZ = 200 kΩ,
1 µs Pulse Width, LPF = 100 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com