Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4355ABCZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4355ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver 關Module
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4355ABCZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4355ABCZ Datasheet HTML 3Page - Analog Devices ADA4355ABCZ Datasheet HTML 4Page - Analog Devices ADA4355ABCZ Datasheet HTML 5Page - Analog Devices ADA4355ABCZ Datasheet HTML 6Page - Analog Devices ADA4355ABCZ Datasheet HTML 7Page - Analog Devices ADA4355ABCZ Datasheet HTML 8Page - Analog Devices ADA4355ABCZ Datasheet HTML 9Page - Analog Devices ADA4355ABCZ Datasheet HTML 10Page - Analog Devices ADA4355ABCZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
Data Sheet
ADA4355
Rev. A | Page 7 of 45
ADC LVDS OUTPUT SPECIFICATIONS
Table 5.
Parameter1, 2
Temperature Min
Typ
Max
Unit
CLOCK3
Input Rate
Full
10
1000
MHz
Conversion Rate4
Full
10
125
MSPS
Pulse Width
High (tEH)
Full
6.25 to 4.00
ns
Low (tEL)
Full
6.25 to 4.00
ns
OUTPUT PARAMETERS3
Propagation Delay, tPD
Full
1.5
2.3
3.1
ns
Rise Time, tR (20% to 80%)5
Full
300
ps
Fall Time, tF (20% to 80%)5
Full
300
ps
Frame Clock Output (FCO) Propagation Delay,
tFCO
Full
1.5
2.3
3.1
ns
DCO Propagation Delay, tCPD6
Full
tFCO + (tSAMPLE/16)
ns
DCO to Data Delay, tDATA6
Full
(tSAMPLE/16) − 300
tSAMPLE/16
(tSAMPLE/16) + 300
ps
DCO to FCO Delay, tFRAME6
Full
(tSAMPLE/16) − 300
tSAMPLE/16
(tSAMPLE/16) + 300
ps
Lane Delay, tLD
Full
90
ps
Data to Data Skew, tDATA-MAX − tDATA-MIN5
Full
±50
±200
ps
Wake-Up Time (Standby)
25°C
250
ns
Wake-Up Time (Power-Down)
25°C
375
µs
Pipeline Latency
Full
16
Clock cycles
APERTURE
Aperture Delay, tA
25°C
1
ns
Aperture Uncertainty (Jitter, tJ )5
25°C
174
fs rms
Out-of-Range Recovery Time
25°C
1
Clock cycles
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and for details on how these tests were completed.
2
These parameters were measured on standard FR4 materials.
3
The clock can be adjusted via the SPI.
4
The conversion rate is the clock rate after the divider. Valid for 2-lane operation.
5
This parameter is not shown in Figure 6 through Figure 11.
6
tSAMPLE/16 is based on the number of bits in two LVDS data lanes. tSAMPLE = 1/f.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com