Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4355ABCZ Datasheet(PDF) 35 Page - Analog Devices

Part # ADA4355ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver 關Module
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4355ABCZ Datasheet(HTML) 35 Page - Analog Devices

Back Button ADA4355ABCZ Datasheet HTML 31Page - Analog Devices ADA4355ABCZ Datasheet HTML 32Page - Analog Devices ADA4355ABCZ Datasheet HTML 33Page - Analog Devices ADA4355ABCZ Datasheet HTML 34Page - Analog Devices ADA4355ABCZ Datasheet HTML 35Page - Analog Devices ADA4355ABCZ Datasheet HTML 36Page - Analog Devices ADA4355ABCZ Datasheet HTML 37Page - Analog Devices ADA4355ABCZ Datasheet HTML 38Page - Analog Devices ADA4355ABCZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
Data Sheet
ADA4355
Rev. A | Page 35 of 45
High Spatial Resolution
The ADA4355 has a maximum sampling rate of 125 MSPS,
which translates to an 8 ns sampling period and a best case
theoretical spatial resolution of approximately 0.8 m. This
resolution is marginally acceptable for pulse widths of
approximately 10 ns or greater. Although, with only one
sample per pulse, closely spaced events can be difficult to
detect. However, while using a fixed sampling rate, spatial
resolution can be increased by using a phase shift to advance
or delay the laser pulse and/or the rising and falling edge of the
sampling clock.
Figure 96 shows the sampling period of the ADA4355 and the
placement of the laser driving pulses. In this example, four
phase shifts were applied (0 ns, 2 ns, 4 ns, and 6 ns). This
phase shifting effectively improves the spatial resolution from
approximately 0.8 m to 0.2 m, thereby enabling the use of
shorter pulse widths and positive detection of more closely
spaced events.
LASER
DRIVING PULSE
ADC
SAMPLING EDGE
6ns
8ns
4ns
2ns
Figure 96. Phase Shifting the Laser Pulses
Figure 97 clearly shows the benefit of phase shifting for the
detection of closely spaced events. A 4 ns pulse was used to
detect two events 1 m apart. Figure 97 shows two distinct
events are detected in the phase shifted case, while the two
events blend together and appear as a single event in the
nonphase shifted case.
–5 –4 –3 –2 –1 0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15
DISTANCE (m)
–24
–22
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
4ns PHASE SHIFTED
4ns NONPHASE SHIFTED
Figure 97. Comparison of Closely Spaced Event Detection with and Without
Phase Shifting, 4 ns Pulse Width, 1 m Event Separation
Figure 98 illustrates the method used to build the phase shifted
curve from Figure 97. The nonphase shifted measurement was
repeated four times, but each time it was shifted an additional
2 ns to the right. The phase shifted curve from Figure 97 was
then assembled by taking the points from the four individual
measurements and combining these points as shown in Figure 98.
The end result takes four times longer to complete. However,
the end result has four times as many data points (2 ns apart),
resulting in much improved horizontal resolutions.
A1
A2
A3
0ns PHASE SHIFT
A4
...
...
A1
B1
C1
D1
A2
B2
C2
D2
A3
B3
C3
D3
A4
B4
C4
D4
B1
B2
B3
2ns PHASE SHIFT
NONPHASE SHIFTED CURVES
PHASE SHIFTED CURVE (COMBINATION OF FOUR NONPHASE SHIFTED CURVES)
B4
C1
C2
C3
4ns PHASE SHIFT
C4
...
...
...
D1
D2
D3
6ns PHASE SHIFT
D4
Figure 98. Method Used to Assemble Phase Shifted Curve From Figure 97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com