Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4355ABCZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADA4355ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver 關Module
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4355ABCZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADA4355ABCZ Datasheet HTML 17Page - Analog Devices ADA4355ABCZ Datasheet HTML 18Page - Analog Devices ADA4355ABCZ Datasheet HTML 19Page - Analog Devices ADA4355ABCZ Datasheet HTML 20Page - Analog Devices ADA4355ABCZ Datasheet HTML 21Page - Analog Devices ADA4355ABCZ Datasheet HTML 22Page - Analog Devices ADA4355ABCZ Datasheet HTML 23Page - Analog Devices ADA4355ABCZ Datasheet HTML 24Page - Analog Devices ADA4355ABCZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
Data Sheet
ADA4355
Rev. A | Page 21 of 45
0
1
2
3
4
5
TIME (µs)
IIN = 800µA
IIN = 1.6mA
IIN = 3.2mA
1000
100
10
1
0.1
0.01
Figure 49. Overload Recovery, TZ = 2 kΩ,
250 ns Pulse Width, LPF = 100 MHz
100
10
1
0.1
0.01
0.001
TIME (µs)
–5
0
5
10
15
20
25
30
35
40
IIN = 80µA
IIN = 160µA
IIN = 320µA
Figure 50. Overload Recovery, TZ = 20 kΩ,
2.5 µs Pulse Width, LPF = 1 MHz
100
10
1
0.1
0.01
0.001
TIME (µs)
IIN = 8µA
IIN = 16µA
IIN = 32µA
–5
0
5
10
15
20
25
30
35
40
Figure 51. Overload Recovery, TZ = 200 kΩ,
5 µs Pulse Width, LPF = 1 MHz
TIME (µs)
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0
50
100
150
200
IIN = 800µA
IIN = 1.6mA
IIN = 3.2mA
Figure 52. Overload Recovery (Zoomed In), TZ = 2 kΩ, 250 ns Pulse Width,
LPF = 100 MHz (Traces Offset Vertically for Readability)
10
1
0.1
0.01
100
0.001
TIME (µs)
0
1
2
3
4
5
IIN = 80µA
IIN = 160µA
IIN = 320µA
Figure 53. Overload Recovery, TZ = 20 kΩ,
250 ns Pulse Width, LPF = 100 MHz
TIME (µs)
0.0001
0.001
0.01
0.1
1
10
IIN = 8µA
IIN = 16µA
IIN = 32µA
0
2
4
6
8
10
12
14
16
18
20
Figure 54. Overload Recovery, TZ = 200 kΩ,
1 µs Pulse Width, LPF = 100 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com