Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4677 Datasheet(PDF) 32 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 32 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 28Page - Analog Devices LTM4677 Datasheet HTML 29Page - Analog Devices LTM4677 Datasheet HTML 30Page - Analog Devices LTM4677 Datasheet HTML 31Page - Analog Devices LTM4677 Datasheet HTML 32Page - Analog Devices LTM4677 Datasheet HTML 33Page - Analog Devices LTM4677 Datasheet HTML 34Page - Analog Devices LTM4677 Datasheet HTML 35Page - Analog Devices LTM4677 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 110 page
background image
LTC3888-1
32
Rev. 0
For more information www.analog.com
OPERATION
Table 1. LTC3888-1 Fault Log Contents
RECORD TYPE
STARTING
BYTE
ENDING
BYTE
COMMENTS
Header Information
0
26
See Table 2.
Fault Event Record
27
46
Fault may have occurred anywhere during this event record. See byte 4 of Table 2 and all of
Table 3 and Table 4.
Event Record N-1
47
66
Last complete cyclical data read before the fault was detected.
Event Record N-2
67
86
Older data records…
Event Record N-3
87
106
Event Record N-4
107
126
Event Record N-5
127
146
Oldest recorded data.
Table 2. Fault Log Header Information
RECORD
BITS
FORMAT
BLOCK
BYTE
COUNT DETAILS
Fault Log Preface
[7:0]
ASC
0
Returns LTxx beginning at byte 0 if a partial or complete fault log exists. Word xx is
a factory identifier that may vary part to part.
[7:0]
1
[15:8]
Reg
2
[7:0]
3
Fault Source
[7:0]
Reg
4
Refer to Table 3.
MFR_REAL_TIME
[7:0]
Reg
5
48 bit share-clock counter value when fault occurred (200µs resolution).
[15:8]
6
[23:16]
7
[31:24]
8
[39:32]
9
[47:40]
10
MFR_VOUT_PEAK (PAGE 0)
[15:8]
L16
11
Peak READ_VOUT on Channel 0 since last power-on or CLEAR_PEAKS command.
[7:0]
12
MFR_VOUT_PEAK (PAGE 1)
[15:8]
L16
13
Peak READ_VOUT on Channel 1 since last power-on or CLEAR_PEAKS command.
[7:0]
14
MFR_IOUT_PEAK (PAGE 0)
[15:8]
L11
15
Peak READ_IOUT on Channel 0 since last power-on or CLEAR_PEAKS command.
[7:0]
16
MFR_IOUT_PEAK (PAGE 1)
[15:8]
L11
17
Peak READ_IOUT on Channel 1 since last power-on or CLEAR_PEAKS command.
[7:0]
18
MFR_VIN_PEAK
[15:8]
L11
19
Peak READ_VIN since last power-on or CLEAR_PEAKS command.
[7:0]
20
READ_TEMPERATURE1 (PAGE 0)
[15:8]
L11
21
External temperature sensor 0 during last event.
[7:0]
22
READ_TEMPERATURE1 (PAGE 1)
[15:8]
L11
23
External temperature sensor 1 during last event.
[7:0]
24
READ_TEMPERATURE2
[15:8]
L11
25
Internal temperature sensor during last event.
[7:0]
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com