Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4677 Datasheet(PDF) 40 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 40 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 36Page - Analog Devices LTM4677 Datasheet HTML 37Page - Analog Devices LTM4677 Datasheet HTML 38Page - Analog Devices LTM4677 Datasheet HTML 39Page - Analog Devices LTM4677 Datasheet HTML 40Page - Analog Devices LTM4677 Datasheet HTML 41Page - Analog Devices LTM4677 Datasheet HTML 42Page - Analog Devices LTM4677 Datasheet HTML 43Page - Analog Devices LTM4677 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 110 page
background image
LTC3888-1
40
Rev. 0
For more information www.analog.com
PMBUS COMMAND SUMMARY
Table 6. Abbreviations of Supported Data Formats
PMBus
TERMINOLOGY
SPECIFICATION
REFERENCE
ADI
TERMINOLOGY DEFINITION
EXAMPLE
L11 Linear
Part II ¶7.1
Linear_5s_11s Floating point 16-bit data: value = Y • 2N,
where N = b[15:11] and Y = b[10:0], both
two’s compliment binary integers.
b[15:0] = 0x9807 = 10011_000_0000_0111
value = 7 • 2–13 = 854E-6
L16 Linear VOUT_MODE
Part II ¶8.2
Linear_16u
Floating point 16-bit data: value = Y • 2–12,
where Y = b[15:0], an unsigned integer.
b[15:0] = 0x4C00 = 0100_1100_0000_0000
value = 19456 • 2–12 = 4.75
CF
DIRECT
Part II ¶7.2
Varies
Data with a custom format defined in the
detailed PMBus command description.
Often an unsigned or two’s compliment
integer.
Reg Register Bits
Part II ¶10.3
Reg
Per-bit meaning defined in detailed PMBus
command description.
PMBus STATUS_BYTE command.
ASC Text Characters
Part II ¶22.2.1
ASCII
ISO/IEC 8859-1 [A05]
LTC (0x4C5443)
PMBus Commands
Table 7 lists supported PMBus commands and manufac-
turer specific commands. Additional information about
these commands can be found in Revision 1.2 of Part
II of the PMBus Power System Management Protocol
Specification. Users are encouraged to reference that
manual. Exceptions or manufacturer-specific implementa-
tions are detailed in the tables below. All standard PMBus
commands from 0x00 through 0xCF not listed in this table
are implicitly not supported by the LTC3888-1. All com-
mands from 0xD0 through 0xFF not listed in Table 7 are
implicitly reserved by the manufacturer. The LTC3888-1
may execute additional commands not listed in this table,
and these can change without notice. Reading these
unlisted commands is harmless to the operation of the
IC. Writes to any unsupported or reserved command
should be avoided, as that may result in a CML fault and/
or undesired operation of the part.
If PMBus commands are received faster than they are
being processed, the part may become too busy to handle
new commands. In these cases the LTC3888-1 follows the
protocols defined in the PMBus Specification V1.2, Part
II, Section 10.8.7, to communicate that it is busy. This
device includes handshaking features to eliminate busy
responses, simplify error handling software and ensure
robust communication and system behavior. Please refer
to PMBus Communication and Command Processing in
the Applications Information section for further details.
ADI has made an effort to establish PMBus command
compatibility and functional uniformity among its family
of parts. However, differences may occur due to specific
product requirements. Compatibility of PMBus commands
among any ICs should not be assumed based simply on
command name. Always refer to the manufacturer’s data
sheet of each device for a complete definition of a com-
mand function.
Data Formats
PMBus supports specific floating point number formats
and allows for a wide range of other data formats.
Table 6 describes the data formats used by the LTC3888-1.
Abbreviations of these formats appear throughout this
document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com