Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4677 Datasheet(PDF) 26 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 22Page - Analog Devices LTM4677 Datasheet HTML 23Page - Analog Devices LTM4677 Datasheet HTML 24Page - Analog Devices LTM4677 Datasheet HTML 25Page - Analog Devices LTM4677 Datasheet HTML 26Page - Analog Devices LTM4677 Datasheet HTML 27Page - Analog Devices LTM4677 Datasheet HTML 28Page - Analog Devices LTM4677 Datasheet HTML 29Page - Analog Devices LTM4677 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 110 page
background image
LTC3888-1
26
Rev. 0
For more information www.analog.com
OPERATION
The ILIM0_CFG and ILIM1_CFG pin settings are described
in application Table 10. These pins select the per-phase
output current limit for each related rail.
PWM_CFG pin settings are described in application
Table 11. This pin selects the master/slave configurnation
and switching frequency of the internal oscillator.
INTERNAL EEPROM WITH CRC
The LTC3888-1 contains internal EEPROM with error cor-
rection code (ECC) to store user configuration settings
and fault log information. EEPROM endurance and reten-
tion for user space and fault log pages are specified in the
Absolute Maximum Ratings and Electrical Characteristics
table.
The integrity of the entire onboard EEPROM is checked
with a CRC calculation each time its data is to be
read, such as after a power-on reset or execution of
RESTORE_USER_ALL. If a CRC error occurs, the CML
bit is set in STATUS_BYTE and STATUS_WORD, the
EEPROM CRC Error bit in STATUS_MFR_SPECIFIC is set,
and the ALERT, SHARE_CLK and RUN pins are pulled low
(PWM channels off). At that point the device will respond
at special address 0x7C, which is activated after an invalid
CRC has been detected. The chip no longer responds at
its specifically assigned address, but will still respond at
global addresses 0x5A and 0x5B. However, use of these
global addresses when attempting to recover from a CRC
issue is not recommended. All power supply rails associ-
ated with a device reporting an invalid CRC should remain
disabled until the issue is resolved.
ADI recommends that the EEPROM not be written when
die temperature is greater than 85°C. If internal die tem-
perature exceeds 130°C, all EEPROM operations except
RESTORE_USER_ALL and MFR_RESET are disabled. Full
EEPROM operation is not re-enabled until die temperature
falls below 125°C. Refer to the Applications Information
section for equations to predict retention degradation due
to elevated operating temperatures.
See the Applications Information section or contact the
factory for details on efficient in-system EEPROM pro-
gramming, including bulk EEPROM programming, which
the LTC3888-1 also supports.
FAULT DETECTION
A variety of fault and warning detection, reporting and
handling mechanisms are provided by the LTC3888-1.
Fault or warning detection capabilities include:
• Input Under/Overvoltage
• Power Stage UV or Fault
• Output Under/Overvoltage
• Output Overcurrent
• External Overtemperature
• Internal Overtemperature
• CML Fault (Communication, Memory, or Logic)
• External Fault Detection via Bidirectional FAULT Pins
Reporting is covered in following sections on status com-
mands (registers) and ALERT pin function. Fault handling
mechanisms include hardwired low level PWM safety
responses that always occur and higher-level program-
mable event management. Both types are covered in the
following sections.
Input Supply Faults
Input undervoltage and overvoltage limits are determined
from multiplexed monitor ADC conversions. Therefore
the input UV/OV response is naturally deglitched by the
typical conversion cycle of the ADC (tens of milliseconds).
There is no hardwired low level PWM response for any
input supply fault.
Hardwired PWM Response to Power Stage Faults
Power stage faults are monitored on the shared TEMP/
FAULT bus attached to an LTC3888-1 TSNS pin. A power
stage fault condition is detected if this bus is pulled above
any voltage expected for normal operating temperature
range. The specific faults that are reported are determined
by the power stage manufacturer. When a power stage
fault is detected, the master and its associated slave chan-
nels are all commanded off. This state is indicated in the
LTC3888-1 status registers and optionally on the ALERT
pin. The off condition is latched until the rail is turned off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com