Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4677 Datasheet(PDF) 88 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 88 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 84Page - Analog Devices LTM4677 Datasheet HTML 85Page - Analog Devices LTM4677 Datasheet HTML 86Page - Analog Devices LTM4677 Datasheet HTML 87Page - Analog Devices LTM4677 Datasheet HTML 88Page - Analog Devices LTM4677 Datasheet HTML 89Page - Analog Devices LTM4677 Datasheet HTML 90Page - Analog Devices LTM4677 Datasheet HTML 91Page - Analog Devices LTM4677 Datasheet HTML 92Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 110 page
background image
LTC3888-1
88
Rev. 0
For more information www.analog.com
PMBus COMMAND DETAILS (Output Timing, Delays, and Ramping)
VOUT_TRANSITION_RATE
When using factory defaults, the VOUT_TRANSITION_RATE command sets the rate at which VFB changes during
soft-on/off and when margin commands are executed. If VOUT_SCALE_LOOP is definded this command specifies the
rate at which the output voltage changes whenever commanded to moved. In either case this rate of change does not
apply to operations that immediately turn the PWM channel on or off.
This command has two data bytes in Linear_5s_11s format.
TOFF_DELAY
The TOFF_DELAY command sets the delay, in milliseconds, between a stop condition and the beginning of the output
voltage fall. Values from 0s to 16s are considered valid.
This command has two data bytes in Linear_5s_11s format.
TOFF_MAX_WARN_LIMIT
The TOFF_MAX_WARN_LIMIT command sets the time, in milliseconds, VOUT is allowed to drop to 0.125xVOUT_
COMMAND after being commanded to 0V. This time begins after TOFF_DELAY+VOUT_COMMAND/VOUT_TRANSITION
expires if the output is not commanded to immediate off. If this limit is exceeded a warning is issued in VOUT_STATUS
and ALERT asserted if not masked. No warning limit is enforced if bit 0 of MFR_CHAN_CONFIG is set or the value of
this command is programmed to zero. Otherwise, values from 120ms to 524s are considered valid. In order to avoid
erroneous ALERT indication, VOUT_SCALE_LOOP and all other related VOUT commands must be defined before this
command is set to a non-zero value.
This command has two data bytes in Linear_5s_11s format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com