Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4677 Datasheet(PDF) 91 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 91 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 87Page - Analog Devices LTM4677 Datasheet HTML 88Page - Analog Devices LTM4677 Datasheet HTML 89Page - Analog Devices LTM4677 Datasheet HTML 90Page - Analog Devices LTM4677 Datasheet HTML 91Page - Analog Devices LTM4677 Datasheet HTML 92Page - Analog Devices LTM4677 Datasheet HTML 93Page - Analog Devices LTM4677 Datasheet HTML 94Page - Analog Devices LTM4677 Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 110 page
background image
LTC3888-1
91
Rev. 0
For more information www.analog.com
STATUS_WORD
The STATUS_WORD command returns a two-byte summary of the channel's fault condition. The low byte of the
STATUS_WORD is the same as the STATUS_BYTE command.
STATUS_WORD High Byte Message Contents:
BIT
STATUS BIT NAME
MEANING
15
VOUT
An output voltage fault or warning has occurred. Also set if a power stage fault or open VSENSE+ is detected.
14
IOUT
An output current fault or warning has occurred. Also set if a power stage fault is detected.
13
INPUT
An input voltage fault or warning has occurred.
12
MFR_SPECIFIC
A fault or warning specific to the LTC3888-1 has occurred.
11
POWER_GOOD#
The POWER_GOOD state is false if this bit is set.
10
FANS
Not supported (LTC3888-1 returns 0).
9
OTHER
Not supported (LTC3888-1 returns 0).
8
UNKNOWN
Not supported (LTC3888-1 returns 0).
This command has two data bytes.
STATUS_VOUT
The STATUS_VOUT command returns one byte of VOUT status information. Refer to Table 8 for additional details.
STATUS_VOUT Message Contents:
BIT
MEANING
7
VOUT overvoltage fault, power stage fault, or open VSENSE+ input.
6
VOUT overvoltage warning.
5
VOUT undervoltage warning.
4
VOUT undervoltage fault or open VSENSE+ input.
3
VOUT_MAX warning.
2
TON_MAX fault.
1
Not supported by the LTC3888-1 (returns 0).
0
Not supported by the LTC3888-1 (returns 0).
ALERT can be asserted if any of bits[7:2] are set. These may be cleared by writing a 1 to their bit position in STATUS_VOUT, in lieu of a CLEAR_FAULTS
command.
This command has one data byte.
PMBus COMMAND DETAILS (Status Reporting)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com