Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4677 Datasheet(PDF) 27 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 27 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 23Page - Analog Devices LTM4677 Datasheet HTML 24Page - Analog Devices LTM4677 Datasheet HTML 25Page - Analog Devices LTM4677 Datasheet HTML 26Page - Analog Devices LTM4677 Datasheet HTML 27Page - Analog Devices LTM4677 Datasheet HTML 28Page - Analog Devices LTM4677 Datasheet HTML 29Page - Analog Devices LTM4677 Datasheet HTML 30Page - Analog Devices LTM4677 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 110 page
background image
LTC3888-1
27
Rev. 0
For more information www.analog.com
OPERATION
and then back on by the RUN pin or OPERATION com-
mand, including IC reset or power supply cycling.
Hardwired PWM Response to Power Stage UV
Some power stages can also report a undervoltage condi-
tion for their input supplies on the shared TEMP/FAULT bus.
When supported, this condition is indicated by pulling the
bus below any voltage expected for normal operating tem-
perature range. The LTC3888-1 recognizes this UV indica-
tion if enabled by bit 0 of MFR_PWM_MODE_LTC3888-1.
If the power stage does not provide inherent UV indica-
tion on a shared TEMP/FAULT bus, the LTC3888-1 can be
programmed to provide additional power stage undervolt-
age detection by setting bit 5 of MFR_CHAN_CONFIG on
Page 0. Pin 8 is then converted to a VDR_MON input to
monitor the FET gate drive supply voltage (VDR) of the
external power stages for both master channels. Normally
an external resistor divider to set the desired UV threshold
is required. In this case TSNS1 serves as connection for
the shared TEMP/FAULT bus for both master channels
with UV detection disabled, regardless of the state of bit
0 of MFR_PWM_MODE_LTC3888-1 on either page.
When TSNS-based UV detection or VDR_MON are
enabled, power stage UV condition is continuously indi-
cated in bits[15:14] of MFR_PADS_LTC3888-1. If a power
stage UV condition then occurs during PWM operation
or is present when the PWM master is commanded to
start, the master and its associated slave channels are all
latched off. This state is indicated in the LTC3888-1 status
registers and optionally on the ALERT pin. The off condi-
tion is latched until the rail is turned off and then back on
by the RUN pin or OPERATION command, including IC
reset or power supply cycling.
Note that if an enabled power stage UV indication exists
on both master channels that are sequentially turned
on by RUN pin or OPERATION command, the indicated
fault on the first channel on will be cleared if bit 0 of
MFR_CONFIG_ALL is set. However, both channels will be
latched off as described above.
Hardwired PWM Response to VOUT Faults
VOUT undervoltage (UV) and overvoltage (OV) faults
are detected by supervisor comparators. The output
overvoltage comparator guards against transient over-
shoots as well as long term overvoltages at the output.
When an output OV fault is detected, the state is indicated
in the LTC3888-1 status registers and optionally on the
ALERT pin. The master and its associated slave chan-
nels are all commanded off, unless bit 4 of MFR_PWM_
CONFIG_LTC3888-1 is set and bit 4 in the associated
MFR_PWM_MODE_LTC3888-1 command is clear. In that
special case the master phase of the OV rail commands
its power stage to drive low as long as the OV condition
is detected. Regardless, the off condition is latched until
the rail is cycled off and then back on after the fault has
cleared.
UV faults are masked if the channel has been commanded
off or until all of the following criteria are achieved.
• TON_DELAY Has Expired
• The Soft-Start Ramp Has Completed
• TON_MAX_FAULT_LIMIT Has Been Reached
• IOUT_OC_FAULT_LIMIT Has Not Been Reached
• Soft-Off Is Not in Progress
The LTC3888-1 has no hardwired PWM response for out-
put UV faults.
The LTC3888-1 supports optional output UV and OV
warnings that are determined from multiplexed monitor
ADC conversions. The LTC3888-1 has no hardwired PWM
response for output UV or OV warnings.
Power Good Indication
An LTC3888-1 master phase indicates Power Good on its
PGOOD pin and in STATUS_WORD based on selected UV
and OV fault limits. Power Good is indicated as long as
the phase is enabled to run and VOUT is between the UV
and OV fault limits.
Hardwired PWM Response to IOUT Faults
The LTC3888-1 monitors output current as commanded
by the ITH pins, taking into account power stage current
monitor gain, which is provided by PMBus command or
EEPROM values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com