Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4677 Datasheet(PDF) 72 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 72 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 68Page - Analog Devices LTM4677 Datasheet HTML 69Page - Analog Devices LTM4677 Datasheet HTML 70Page - Analog Devices LTM4677 Datasheet HTML 71Page - Analog Devices LTM4677 Datasheet HTML 72Page - Analog Devices LTM4677 Datasheet HTML 73Page - Analog Devices LTM4677 Datasheet HTML 74Page - Analog Devices LTM4677 Datasheet HTML 75Page - Analog Devices LTM4677 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 110 page
background image
LTC3888-1
72
Rev. 0
For more information www.analog.com
PMBUS_REVISION
The PMBUS_REVISION command returns the revision of the PMBus Specification that the device supports. The
LTC3888-1 is compliant with PMBus Version 1.2, both Part I and Part II.
This read-only command has one data byte.
CAPABILITY
The CAPABILITY command reports some key LTC3888-1 features to the PMBus host device.
The LTC3888-1 supports packet error checking, 400kHz bus speeds and has an ALERT output.
This read-only command has one data byte.
GENERAL DEVICE CONFIGURATION
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
PMBUS_REVISION
0x98 Supported PMBus version.
R Byte
Y
Reg
0x22
V1.2
CAPABILITY
0x19 Summary of supported optional PMBus
features.
R Byte
N
Reg
0xB0
MFR_CONFIG_ALL
0xD1 General device-level configuration.
R/W Byte
N
Reg
l
0x21
MFR_ADDRESS
The MFR_ADDRESS command sets the seven bits of the PMBus device address for this unit.
Setting this command to a value of 0x80 disables device-level addressing. The global device addresses 0x5A and
0x5B cannot be disabled. The LTC3888-1 always responds at these addresses. The device address, or any portion of
an address, specified with external resistors on ASEL0 or ASEL1 is applied. If both of these pins are open, the device
address is determined strictly by the MFR_ADDRESS value stored in EEPROM. Refer to the Operation section on
Resistor Configuration Pins for additional details.
This command has one data byte.
MFR_RAIL_ADDRESS
The MFR_RAIL_ADDRESS command sets a direct PMBus address for the active channel(s) as determined by the PAGE
command. This address should be common to all master channels attached to a single power supply rail. Setting this
command to a value of 0x80 disables rail addressing for the selected channel. Only command writes should be made
to the rail address. If a read is performed from this address, a CML fault may result.
This command has one data byte.
PMBus COMMAND DETAILS (Addressing and Write Protect/General Device Configuration)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com