Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4677 Datasheet(PDF) 83 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 83 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 79Page - Analog Devices LTM4677 Datasheet HTML 80Page - Analog Devices LTM4677 Datasheet HTML 81Page - Analog Devices LTM4677 Datasheet HTML 82Page - Analog Devices LTM4677 Datasheet HTML 83Page - Analog Devices LTM4677 Datasheet HTML 84Page - Analog Devices LTM4677 Datasheet HTML 85Page - Analog Devices LTM4677 Datasheet HTML 86Page - Analog Devices LTM4677 Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 110 page
background image
LTC3888-1
83
Rev. 0
For more information www.analog.com
MFR_VOUT_MAX
The MFR_VOUT_MAX command returns the maximum value, in volts, allowed for VOUT_MAX based on internal device
capability.
This read-only command has two data bytes in Linear_16u format.
VOUT_MARGIN_HIGH
The VOUT_MARGIN_HIGH command programs the value of VFB (or VOUT if VOUT_SCALE_LOOP has been defined),
in volts, to be produced when Margin High is set with the OPERATION command. The value must be greater than
VOUT_COMMAND. Execution of this command is delayed if VOUT_SCALE_LOOP is being processed.
This command has two data bytes in Linear_16u format.
VOUT_MARGIN_LOW
The VOUT_MARGIN_LOW command programs the value of VFB (or VOUT if VOUT_SCALE_LOOP has been defined),
in volts, to be produced when Margin Low is set with the OPERATION command. The value must be less than VOUT_
COMMAND. Execution of this command is delayed if VOUT_SCALE_LOOP is being processed.
This command has two data bytes in Linear_16u format.
VOUT_SCALE_LOOP
The VOUT_SCALE_LOOP command programs the gain, in volts per volt, produced from VFB to VOUT by the external
voltage feedback network. Values from 1 to 9 are considered valid. The LTC3888-1 will assert a CML fault and ignore
the value if an attempt is made to write VOUT_SCALE_LOOP to a value outside of this range.
This command has two data bytes in Linear_5s_11s format.
VOUT_OV_FAULT_LIMIT
The VOUT_OV_FAULT_LIMIT command sets the value value of VFB (or VOUT if VOUT_SCALE_LOOP has been defined),
in volts, that causes an output overvoltage fault. If VOUT_OV_FAULT_LIMIT is modified while the channel is on, 2ms
should be allowed for the new value to take effect. Modifying VOUT during that time can result in an erroneous OV fault.
The LTC3888-1 sets MFR_COMMON bits[6:5] low while a new VOUT_OV_FAULT_LIMIT is established. Execution of
this command is delayed if VOUT_SCALE_LOOP is being processed.
This command has two data bytes in Linear_16u format.
VOUT_OV_WARN_LIMIT
The VOUT_OV_WARN_LIMIT command sets the value, in volts, of the VSENSE± differential voltage measured by the
ADC that causes an output overvoltage warning. If the VOUT_OV_WARN_LIMIT is exceeded, the device:
• Sets the VOUT Bit in the STATUS_WORD
• Sets the VOUT Overvoltage Warning Bit in the STATUS_VOUT Command
• Notifies the Host by Asserting ALERT, Unless Masked
This command has two data bytes in Linear_16u format.
PMBus COMMAND DETAILS (Output Voltage and Limits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com