Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4677 Datasheet(PDF) 56 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 56 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 52Page - Analog Devices LTM4677 Datasheet HTML 53Page - Analog Devices LTM4677 Datasheet HTML 54Page - Analog Devices LTM4677 Datasheet HTML 55Page - Analog Devices LTM4677 Datasheet HTML 56Page - Analog Devices LTM4677 Datasheet HTML 57Page - Analog Devices LTM4677 Datasheet HTML 58Page - Analog Devices LTM4677 Datasheet HTML 59Page - Analog Devices LTM4677 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 110 page
background image
LTC3888-1
56
Rev. 0
For more information www.analog.com
In addition, these schemes can easily be mixed and
matched to create any necessary ramping controls, some
of which might prove difficult to implement with conven-
tional analog-only controllers. These programmable fea-
tures greatly simplify system development because rails
can be resequenced without a hardware change as final
product requirements evolve. The LTpowerPlay GUI and
LTC3888-1 onboard EEPROM can be used for this task,
avoiding the need for firmware development to modify
turn on/off relationships between rails. Entire power sys-
tems can easily be scaled up or down, facilitating reuse
of proven hardware macro designs.
VOLTAGE-BASED OUTPUT SEQUENCING
The LTC3888-1 is capable of voltage-based output
sequencing. For concatenated events between members
of the ADI PSM family, it is possible to control one RUN
pin from a GPIO, FAULT or PGOOD pin of a different con-
troller. A hardware configuration of the type shown in
Figure 36 disables the next downstream controller any-
time the upstream output is below the specific UV thresh-
old. If GPIO or FAULT is used, the controlling output must
be configured to only propagate VOUT_UV_UF, and that
IC must have its MFR_GPIO/FAULT_RESPONSE set to
ignore (0x00). Use of the unfiltered VOUT UV fault limit is
recommended because there is less delay between cross-
ing the UV threshold and the GPIO/FAULT pin releasing.
When GPIO/FAULT UV propagation is utilized, an output
deglitching filter can ensure the control does not toggle
repeatedly at lower values of output transition due to
noise on VOUT. If unwanted transitions still occur with
only the internal filter found on most ADI PSM deviced
(typically 250μs), place a capacitor to ground on the out-
put pin. The RC time-constant of the filter should be low
enough to assure no appreciable delay is incurred. A value
of 300μs to 500μs will provide some additional filtering
without significant delay of the trigger event.
When the system is turned off, rails will shut down in the
same order as they turn on, as shown in Figure 37. If a
different sequence is required, the circuit must be rewired
or delays must be added by programming TON_DELAY or
TOFF_DELAY. A fundamental limitation of this application
When the system is turned off, rails will shut down in the
APPLICATIONS INFORMATION
same order as they turn on, as shown in Figure 37. If a
different sequence is required, the circuit must be rewired
or delays must be added by programming TON_DELAY
or TOFF_DELAY. A fundamental limitation of this applica-
tion is the inability of upstream rails to detect a start-up
failure of downstream rails. Due to this, cascade sequenc-
ing should not be implemented without an external fast
supervisor to monitor downstream rails and assert a sys-
tem fault if problems occur.
PWM FREQUENCY SYNCHRONIZATION
The LTC3888-1 incorporates an internal phase-locked
loop (PLL) which enables synchronization of all PWM
channels to an external CMOS clock from 250kHz to
1MHz. The PLL is locked to the falling edge of the SYNC
pin clock signal. For synchronization required by the
application, SYNC may be driven from a separate source,
including another LTC3888-1 or other ADI PSM device.
If SYNC is not externally clocked, the PWMs will operate
at the frequency specified by the FREQUENCY_SWITCH
command.
Figure 36. Cascade Sequencing Configuration Example
Figure 37. Cascade Sequencing Waveforms
LTC3882
GPIO0
GPIO1
RUN 1
RUN 0
START
LTC3888-1
388812 F36
RUN 0
PGOOD0
(PULL-UP RESISTORS
TO 3.3V NOT SHOWN)
PGOOD1
TO NEXT CHANNEL
IN THE SEQUENCE
RUN 1
388812 F37
100ms/DIV
VOUT2
VOUT3
VOUT4
VOUT1
0.5V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com