Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4677 Datasheet(PDF) 65 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 65 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 61Page - Analog Devices LTM4677 Datasheet HTML 62Page - Analog Devices LTM4677 Datasheet HTML 63Page - Analog Devices LTM4677 Datasheet HTML 64Page - Analog Devices LTM4677 Datasheet HTML 65Page - Analog Devices LTM4677 Datasheet HTML 66Page - Analog Devices LTM4677 Datasheet HTML 67Page - Analog Devices LTM4677 Datasheet HTML 68Page - Analog Devices LTM4677 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 110 page
background image
LTC3888-1
65
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
INTERFACING TO THE DC1613
The ADI DC1613 USB-to-I2C/SMBus/PMBus control-
ler can be interfaced to the LTC3888-1 on any board for
programming, telemetry and system debug. This includes
the DC2652 from Analog Devices, or any customer tar-
get system. The controller, when used in conjunction
with LTpowerPlay, provides a powerful way to debug an
entire power system. Faults are quickly diagnosed using
telemetry, status registers and the fault log. A final design
configuration can be quickly developed and stored to the
LTC3888-1 EEPROM and/or LTpowerPlay configuration file.
The DC1613 can communicate with, program and even
power one or more LTC3888-1devices, regardless of
whether system power is present. The DC2086 Powered
Programming Adapter can be used to extend the power
sourcing capability of the DC1613. Figure 45 illustrates
an application schematic for in-system programming
of multiple LTC3888-1 devices normally powered from
VIN. If the DC2086 is used, PFETs with lower RDS(ON),
such as the SiA907EDJT, should be used in place of the
Si2305CDS devices. If system power is not present, the
an Analog Devices demo circuit or user application.
LTpowerPlay can also be used offline (no hardware pres-
ent) to build multiple IC configuration files that can be
saved and later reloaded. LTpowerPlay uses the DC1613
USB-to-I2C/SMBus/PMBus controller to communicate
with a system for evaluation, development or debug. The
software also features automatic update to remain up-to-
date with the latest application code and documentation
available from Analog Devices. A great deal of context
Figure 44. Example of a Polling Loop to Write VOUT_COMMAND
// wait until bits 6, 5, and 4 of MFR_COMMON are all set
do
{
mfrCommonValue = PMBUS_READ_BYTE(0xEF);
partReady = (mfrCommonValue & 0x68) == 0x68;
}while(!partReady)
// now the part is ready to receive the next command
PMBUS_WRITE_WORD(0x21, 0x2000); //write VOUT_COMMAND to 2V
sensitive help is available within LTpowerPlay, along with
several tutorials.
Figure 45. DC1613 Connections
VIN
VIN
VDD33
VDD25
SDA
2.2µF
2.2µF
VGS MAX ON THE Si2305CDS IS 12V, IF VIN > 20V
CHANGE THE RESISTOR DIVIDER ON THE PFET GATE
1µF
1µF
388812 F45
10k
100k
Si2305CDS
ISOLATED
3.3V
SDA
SCL
Si2305CDS
100k
ADI
CONTROLLER
HEADER
TO DC1613
USB TO I2C/SMBus/PMBus
CONTROLLER
SCL
GND
LTC3888-1
VIN
VDD33
SDA
SCL
GND
LTC3888-1
10k
VDD25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com