Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4677 Datasheet(PDF) 39 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 39 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 35Page - Analog Devices LTM4677 Datasheet HTML 36Page - Analog Devices LTM4677 Datasheet HTML 37Page - Analog Devices LTM4677 Datasheet HTML 38Page - Analog Devices LTM4677 Datasheet HTML 39Page - Analog Devices LTM4677 Datasheet HTML 40Page - Analog Devices LTM4677 Datasheet HTML 41Page - Analog Devices LTM4677 Datasheet HTML 42Page - Analog Devices LTM4677 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 110 page
background image
LTC3888-1
39
Rev. 0
For more information www.analog.com
OPERATION
Serial Bus Addressing
The LTC3888-1 supports four types of serial bus
addressing:
• Global Bus Addressing
• Power Rail Addressing
• Individual Device Addressing
• Page+ Master Channel Addressing
Global addressing provides a means for the bus master
to communicate with all LTC3888-1 devices on the bus
simultaneously. The LTC3888-1 global addresses of 0x5A
and 0x5B cannot be changed or disabled. Commands sent
to address 0x5A are applied to both master channels as
if the PAGE command were set to 0xFF. Global address
0x5B is paged, allowing channel-specific control of all
LTC3888-1 devices on the bus. Other ADI device types
may respond at one or both of these global addresses.
Reading from global addresses is strongly discouraged.
Rail addressing provides a means for the bus master to
simultaneously communicate with all master channels
connected together to produce a single output voltage
(PolyPhase). While similar to global addressing, the rail
address can be dynamically assigned with the paged
MFR_RAIL_ADDRESS command, allowing for any logi-
cal grouping of channels that might be required for reli-
able system control. Reading from rail addresses is also
strongly discouraged.
Device addressing is the most common means used by
a bus master to communicate with an LTC3888-1. The
value of the device address is set by the combination of
ASEL0/ASEL1 pin programming and the MFR_ADDRESS
command. Refer to the previous section on Resistor
Configuration Pins for details.
Direct, individual channel addressing (Page+) allows
the bus master to communicate directly with a specific
LTC3888-1 PWM master channel without first using a
PAGE command. Refer to the PAGE_PLUS commands
for additional details.
Use of any of the four types of addressing requires
careful planning to avoid address-related bus conflicts.
Communication to LTC3888-1 devices at global and rail
addresses should be limited to command write operations.
Serial Bus Timeout
The LTC3888-1 implements a timeout feature to avoid
hanging the serial interface. The data packet timer
begins running at the first START event before the SLAVE
ADDRESS write byte and ends with the STOP bit. Packet
transmission must be completed before the timer expires,
or the LTC3888-1 will tri-state the bus and ignore all mes-
sage data. The data packet includes the SLAVE ADDRESS
byte, COMMAND CODE byte, repeated START and SLAVE
ADDRESS byte (if a read operation), all ACKNOWLEDGE
and flow control bits (R/W) and all data bytes.
The packet timer is typically set to 30ms. If bit 3 of MFR_
CONFIG_ALL is set, this period is extended to 255ms. The
LTC3888-1 automatically allows a packet transmission
time of 255ms for MFR_FAULT_LOG block reads regard-
less of the setting of this bit. In no circumstances will
the timeout period be less than the tTIMEOUT specification
(25ms minimum).
The LTC3888-1 supports a PMBus frequency range of
10kHz to 400kHz.
Serial Communication Errors
The LTC3888-1 supports the optional PMBus packet
error checking protocol. This protocol appends a packet
error code (PEC) to the end of applicable message trans-
fers to improve communication reliability. The PEC is a
CRC-8 error-checking byte calculated by the bus device
sending the last data byte. Refer to SMBus specification
1.2 or higher for additional implementation details. All
LTC3888-1 read operations will return a valid PEC if the
bus master requests it. If bit 2 in the MFR_CONFIG_ALL
command is set, the IC will not act in response to a bus
write operation unless a valid PEC is also received from
the host.
PEC errors on command writes, attempts to access
unsupported commands, or writing invalid data to sup-
ported commands all cause the LTC3888-1 to generate a
CML fault. The CML bit is then set in the STATUS_BYTE
and STATUS_WORD commands, and the appropriate bit
is set in the STATUS_CML command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com