Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4677 Datasheet(PDF) 53 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 53 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 49Page - Analog Devices LTM4677 Datasheet HTML 50Page - Analog Devices LTM4677 Datasheet HTML 51Page - Analog Devices LTM4677 Datasheet HTML 52Page - Analog Devices LTM4677 Datasheet HTML 53Page - Analog Devices LTM4677 Datasheet HTML 54Page - Analog Devices LTM4677 Datasheet HTML 55Page - Analog Devices LTM4677 Datasheet HTML 56Page - Analog Devices LTM4677 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 110 page
background image
LTC3888-1
53
Rev. 0
For more information www.analog.com
Table 9. Factory EEPROM Output-Related Settings
Quantity
PMBus Command
Value
UV Threshold
VOUT_UV_FAULT_LIMIT
−10%
Margin Low
VOUT_MARGIN_LOW
−5%
Margin High
VOUT_MARGIN_HIGH
+5%
OV Threshold
VOUT_OV_FAULT_LIMIT
+10%
Under and overvoltage warning limits are effectively dis-
abled by the default factory EEPROM settings. Several
other points should also be carefully noted when using
the LTC3888-1 default factory configuration.
1. In this mode VOUT_TRANSITION_RATE (in V/ms)
applies to the VFB point, not VOUT. Absolute slew rates
at VOUT will then be scaled by a factor of (R1+R2)/R2.
2. In this mode, bit 6 of MFR_PWM_MODE_LTC3888-1
must be left clear, which is the factory default. VOUT
servo should not be used with these EEPROM set-
tings. Refer to PWM Control Loops in Electrical
Characteristics for device tolerances that apply to
VOUT accuracy in this case. Also refer to command
details for MFR_PWM_MODE_LTC3888-1. Proper use
of VOUT servo in full PMBus control context is covered
in the next few paragraphs.
PMBUS OUTPUT VOLTAGE CONTROL
It is also possible to utilize the full range of digitally
programmable output voltage controls afforded by the
PMBUs interface once external components R1 and R2
have been chosen. The following steps should be taken
to properly enable this control mode on the LTC3888-1.
1. Disable the master (page) that will utilize full PMBus
control by using the RUN pin or OPERATION command.
2. Program VOUT_SCALE_LOOP to a value equal to
(R1+R2)/R2.
3. While internal calculations are performed to imple-
ment this change in output control mode, wait for
bits[6:5] of MFR_COMMON to both be clear. This may
take as much as 500ms.
4. Program VOUT_COMMAND to the value desired
(range of 300mV to 3.45V). See VOUT_MAX details
below for limitations on this value.
5. Program related values for VOUT margins, warning
levels and hard supervisor thresholds (UV/OV) using
good practices for the bracketing of nominal VOUT with
these quantities.
6. Re-enable the output using RUN pin and/or OPERATION
command. VOUT servo can also be enabled before the
rail is turned on, or at any time afterward. See Using
Output Voltage Servo below for details.
Once direct PMBus control of VOUT is established in this
way, VOUT_TRANSITION_RATE then applies to the output
voltage proper, not VFB. Also, when using VOUT_SCALE_
LOOP on the LTC3888-1, some restrictions apply.
1. VOUT_SCALE_LOOP cannot be changed on the fly.
The rail must be commanded off by RUN pin or
OPERATION command. Bits[6:5] of MFR_COMMON
should be polled whenever this command value is
written. A rail-off update time of up to 500ms may be
required. During this period, processing of any other
VOUT-related commands sent to the LTC3888-1 will
be delayed until new VOUT_SCALE_LOOP calcuations
have completed. It is strongly recommended to set
this value just once after the desired value of (R1+R2)/
R2 is determined.
2. Sending VOUT-related commands to the LTC3888-1
or re-enabling the output before the device indicates
it has completed processing of VOUT_SCALE_LOOP
for that channel may result in erroroneous faults or
undesirable controller operation.
3. VOUT_MAX is a read-only command that returns a
value based on VOUT_SCALE_LOOP, with a maximum
given by the read-only value of MFR_VOUT_MAX. This
calculated value sets the maximum output that can be
programmed with a particular R1/R2 combination for
nominal VOUT, margin or fault. See command details
for VOUT_MAX.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com