Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4677 Datasheet(PDF) 9 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 5Page - Analog Devices LTM4677 Datasheet HTML 6Page - Analog Devices LTM4677 Datasheet HTML 7Page - Analog Devices LTM4677 Datasheet HTML 8Page - Analog Devices LTM4677 Datasheet HTML 9Page - Analog Devices LTM4677 Datasheet HTML 10Page - Analog Devices LTM4677 Datasheet HTML 11Page - Analog Devices LTM4677 Datasheet HTML 12Page - Analog Devices LTM4677 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 110 page
background image
LTC3888-1
9
Rev. 0
For more information www.analog.com
Note 1: Absolute Maximum Ratings are given relative to GND, unless
otherwise specified. Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent damage to the device. Exposure
to any Absolute Maximum Rating condition for extended periods may
affect device reliability and lifetime.
Note 2: The LTC3888-1 is tested under pulsed load conditions such that
TJ ≈ TA. Junction temperature TJ is calculated in °C from the ambient
temperature TA and power dissipation PD according to the formula: TJ =
TA + (PD • θJA) where θJA is the package thermal impedance. Note that
the maximum ambient temperature consistent with these specifications
is determined by specific operating conditions in conjunction with board
layout, the rated package thermal impedance and other environmental
factors. Refer to the Applications Information section.
Note 3: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. The maximum
rated junction temperature will be exceeded when this protection is active.
Continuous operation above the specified absolute maximum operating
junction temperature may impair device reliability or permanently damage
the device.
Note 4: Do not apply a voltage source to INTVCC unless shorted to VIN.
Otherwise, connect only external passive components for LTC3888-1
configuration. See Electrical Characteristics for applicable limits beyond
which permanent damage may occur.
Note 5: An external voltage source may be connected directly to VDD33
only if the device is not powered from VIN or INTVCC. Otherwise, connect
only external passive components for LTC3888-1 configuration. See
Electrical Characteristics for applicable limits beyond which permanent
damage may occur.
Note 6: Do not apply a voltage source directly to these pins. See Electrical
Characteristics for applicable limits beyond which permanent damage may
occur.
Note 7: Do not apply a voltage or current source directly to these pins.
Connect only external passive components for LTC3888-1 configuration
and application, otherwise permanent damage may occur.
Note 8: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to GND unless otherwise
specified.
Note 9: Specified accuracy requires Servo Mode to be set with MFR_
PWM_MODE_LTC3888-1 command bit 6. VOUT_COMMAND must be
within ±5.5% of unadjusted VOUT.
Note 10: LTC3888-1 output voltage control is trimmed and measured in
a feedback loop that servos ITH to a specified value using a fixed external
gain of 3.5. Output accuracy may be better than that of other loop-
regulated voltages (DAOUT, VFB). Output accuracy without Servo Mode
may degrade when external gain deviates from 3.5 in the application.
Note 11: ADC tested with PWMs disabled. Comparable capability
demonstrated by in-circuit evaluations. Total unadjusted error includes all
gain and linearity errors, as well as offsets.
Note 12: Internal 32-bit calculations using 16-bit ADC results are limited to
10-bit mantissa resolution by PMBus linear 11-bit data format.
Note 13: Limits guaranteed by TSNS voltage and current measurements
during test, including ADC read backs.
Note 14: Data conversion is done in round robin fashion. If all inputs
signals are scanned, continuous in-sequence conversions result in a
typical latency of 90ms.
Note 15: The EEPROM endurance, retention and mass write times are
guaranteed by design, characterization and correlation with statistical
process controls. Minimum retention applies only for devices cycled less
than the minimum endurance specification. EEPROM read commands
(e.g. RESTORE_USER_ALL) are valid over the entire specified operating
junction temperature range.
Note 16: Guaranteed by design.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com