Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4677 Datasheet(PDF) 12 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 8Page - Analog Devices LTM4677 Datasheet HTML 9Page - Analog Devices LTM4677 Datasheet HTML 10Page - Analog Devices LTM4677 Datasheet HTML 11Page - Analog Devices LTM4677 Datasheet HTML 12Page - Analog Devices LTM4677 Datasheet HTML 13Page - Analog Devices LTM4677 Datasheet HTML 14Page - Analog Devices LTM4677 Datasheet HTML 15Page - Analog Devices LTM4677 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 110 page
background image
LTC3888-1
12
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Output Overvoltage Threshold
Error vs Temperature
VIN ADC TUE
VOUT ADC TUE
IOUT ADC TUE
Temperature ADC TUE (Not
including DRMOS Error)
Programmable RITH
4-Phase Line Step Transient
(Using TDA21470)
Shape due to PMBus L11 format
VIN (V)
0
5
10
15
20
25
30
–100.0
–75.0
–50.0
–25.0
0
25.0
50.0
75.0
100.0
VIN ADC TUE
3888-1 G20
VOUT_OV_FAULT_LIMIT = 1.1V
TEMPERATURE (°C)
–40 –20
0
20
40
60
80 100 120
–2
–1
0
1
2
Error vs Temperature
Output Overvoltage Threshold
3888-1 G19
Shape due to PMBus L11 format
ACTUAL TEMPERATURE (°C)
–40 –20
0
20
40
60
80 100 120
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
(Not including DRMOS ERROR)
Temperature ADC TUE
3888-1 G23
CODE
0
8
16
24
32
0
10
20
30
40
50
60
70
Programmable RITH
3888-1 G24
200s/DIV
VIN
2V/DIV
VOUT
10mV/DIV
3888-1 G25
7V Initially
VOUT (V)
0.3
0.24
0.18
0.12
0.06
0
–0.06
–0.12
–0.18
–0.24
2.7
3888-1 G21
0.9
1.5
2.1
3.3
2.4
0.6
1.2
1.8
3.0
OUTPUT CURRENT (A)
0
0
5
10
50
3888-1 G22
–5
–10
–20
12.5
25
37.5
–15
20
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com