Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4677 Datasheet(PDF) 44 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 44 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 40Page - Analog Devices LTM4677 Datasheet HTML 41Page - Analog Devices LTM4677 Datasheet HTML 42Page - Analog Devices LTM4677 Datasheet HTML 43Page - Analog Devices LTM4677 Datasheet HTML 44Page - Analog Devices LTM4677 Datasheet HTML 45Page - Analog Devices LTM4677 Datasheet HTML 46Page - Analog Devices LTM4677 Datasheet HTML 47Page - Analog Devices LTM4677 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 110 page
background image
LTC3888-1
44
Rev. 0
For more information www.analog.com
PMBUS COMMAND SUMMARY
Table 7. PMBus Command Summary
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
SEE
PAGE
MFR_IOUT_PEAK
0xD7 Maximum master channel
IOUT measurement since last
MFR_CLEAR_PEAKS.
R Word
Y
L11
A
93
MFR_RETRY_DELAY
0xDB Minimum time before retry after a fault.
R/W Word
Y
L11
ms
l
350ms
0xFABC
99
MFR_RESTART_DELAY
0xDC Minimum time RUN pin is held low by
the LTC3888-1.
R/W Word
Y
L11
ms
l
500ms
0xFBE8
83
MFR_VOUT_PEAK
0xDD Maximum VOUT measurement since last
MFR_CLEAR_PEAKS.
R Word
Y
L16
V
93
MFR_VIN_PEAK
0xDE Maximum VIN measurement since last
MFR_CLEAR_PEAKS.
R Word
N
L11
V
93
MFR_TEMPERATURE_1_PEAK 0xDF Maximum external temperature
measurement since last MFR_CLEAR_
PEAKS (LTC3888-1 only).
R Word
Y
L11
°C
94
MFR_TOTAL_IOUT
0xE1 Read total IOUT for each
page/rail defined by
MFR_PWM_CONFIG_LTC3888-1[2:0]
R Word
Y
L11
A
93
MFR_CLEAR_PEAKS
0xE3 Clear all peak values.
Send Byte
N
94
MFR_PADS_LTC3888-1
0xE5 State of selected LTC3888-1 pads.
R Word
N
Reg
90
MFR_ADDRESS
0xE6 Specify right-justified 7-bit device
address.
R/W Byte
N
Reg
l
0x4F
69
MFR_SPECIAL_ID
0xE7 Unique manufacturer product ID
R Word
N
Reg
0x488X
103
MFR_FAULT_LOG_STORE
0xEA Force capture of fault log in RAM and
transfer to EEPROM.
Send Byte
N
103
MFR_FAULT_LOG_CLEAR
0xEC Clear existing EEPROM fault log.
Send Byte
N
101
MFR_FAULT_LOG
0xEE Read fault log data.
R Block
N
Reg
101
MFR_COMMON
0xEF ADI-generic device status reporting.
R Byte
N
Reg
90
MFR_COMPARE_USER_ALL
0xF0 Compare contents of command RAM
with EEPROM.
Send Byte
N
93
MFR_TEMPERATURE_2_PEAK 0xF4 Maximum internal temperature
measurement since last
MFR_CLEAR_PEAKS.
R Word
N
L11
°C
94
MFR_PWM_CONFIG_
LTC3888-1
0xF5 LTC3888-1 PWM configuration common
to both master channels.
R/W Byte
N
Reg
l
0x03
73
MFR_LOAD_EMULATION
0xF7 Load step emulation control.
R/W Byte
Y
Reg
0x00
81
MFR_TEMP_1_GAIN
0xF8 Slope for external temperature
calculations (LTC3888-1 only).
R/W Word
Y
L11
mV/ °C
l
8 mV/ °C
0xD200
85
MFR_TEMP_1_OFFSET
0xF9 0 °C offset for external temperature
calculations (LTC3888-1 only).
R/W Word
Y
L11
mV
l
600mV
0x0258
85
MFR_RAIL_ADDRESS
0xFA Specify unique right-justified 7-bit
address for channels comprising a
PolyPhase output.
R/W Byte
Y
Reg
l
0x80
69
MFR_RESET
0xFD Force full reset without removing power. Send Byte
N
71
NVM l Indicates a command value stored to and restored from internal EEPROM using the STORE_USER_ALL and RESTORE_USER_ALL commands,
respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com