Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4677 Datasheet(PDF) 89 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 89 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 85Page - Analog Devices LTM4677 Datasheet HTML 86Page - Analog Devices LTM4677 Datasheet HTML 87Page - Analog Devices LTM4677 Datasheet HTML 88Page - Analog Devices LTM4677 Datasheet HTML 89Page - Analog Devices LTM4677 Datasheet HTML 90Page - Analog Devices LTM4677 Datasheet HTML 91Page - Analog Devices LTM4677 Datasheet HTML 92Page - Analog Devices LTM4677 Datasheet HTML 93Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 110 page
background image
LTC3888-1
89
Rev. 0
For more information www.analog.com
PMBus COMMAND DETAILS (External Temperature and Limits)
MFR_TEMP_1_GAIN
The MFR_TEMP_1_GAIN command sets the slope, in mV/°C, used in the calculation of external temperature based on
monitor ADC conversions of the shared TEMP/FAULT bus (TSNS pins).
This command has two data bytes in Linear_5s_11s format.
MFR_TEMP_1_OFFSET
The MFR_TEMP_1_OFFSET command sets the 0°C offset, in mV, used in the calculation of external temperature based
on monitor ADC conversions of the shared TEMP/FAULT bus (TSNS pins).
This command has two data bytes in Linear_5s_11s format.
OT_FAULT_LIMIT
The OT_FAULT_LIMIT command sets the value of sensed external temperature, in degrees Celsius, which causes an
overtemperature fault.
This command has two data bytes in Linear_5s_11s format.
OT_WARN_LIMIT
The OT_WARN_LIMIT command sets the value of sensed external temperature, in degrees Celsius, which causes an
overtemperature warning. If the OT_WARN_LIMIT is exceeded, the device:
• Sets the TEMPERATURE Bit in the STATUS_BYTE
• Sets the Overtemperature Warning Bit in the STATUS_TEMPERATURE Command
• Notifies the Host by Asserting ALERT, Unless Masked
This command has two data bytes in Linear_5s_11s format.
EXTERNAL TEMPERATURE AND LIMITS
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
MFR_TEMP_1_GAIN
0xF8 Slope for external temperature calculations.
R/W Word
Y
L11
mV/°C
l
8mV/°C
0xD200
MFR_TEMP_1_OFFSET
0xF9 0°C offset for external temperature
calculations.
R/W Word
Y
L11
mV
l
600mV
0x0258
OT_FAULT_LIMIT
0x4F External overtemperature fault limit.
R/W Word
Y
L11
°C
l
100.0°C
0xEB20
OT_WARN_LIMIT
0x51 External overtemperature warning limit.
R/W Word
Y
L11
°C
l
85.0°C
0xEAA8
Related commands: STATUS_TEMPERATURE, SMBALERT_MASK, READ_TEMPERATURE_1,MFR_TEMPERATURE1_PEAK, OT_FAULT_RESPONSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com