Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4677 Datasheet(PDF) 41 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 41 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 37Page - Analog Devices LTM4677 Datasheet HTML 38Page - Analog Devices LTM4677 Datasheet HTML 39Page - Analog Devices LTM4677 Datasheet HTML 40Page - Analog Devices LTM4677 Datasheet HTML 41Page - Analog Devices LTM4677 Datasheet HTML 42Page - Analog Devices LTM4677 Datasheet HTML 43Page - Analog Devices LTM4677 Datasheet HTML 44Page - Analog Devices LTM4677 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 110 page
background image
LTC3888-1
41
Rev. 0
For more information www.analog.com
PMBUS COMMAND SUMMARY
Table 7. PMBus Command Summary
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
SEE
PAGE
PAGE
0x00 Channel (page) presently selected for
any paged command.
R/W Byte
N
Reg
0x00
67
OPERATION
0x01 On, off and margin control.
R/W Byte
Y
Reg
l
0x80
71
ON_OFF_CONFIG
0x02 RUN pin and PMBus on/off command
configuration.
R/W Byte
Y
Reg
l
0x1E
70
CLEAR_FAULTS
0x03 Clear all set fault bits.
Send Byte
N
91
PAGE_PLUS_WRITE
0x05 Write a command directly to a specified
page.
W Block
N
67
PAGE_PLUS_READ
0x06 Read a command directly from a
specified page.
Block R/W
Process
N
68
WRITE_PROTECT
0x10 Protect the device against unintended
PMBus modifications.
R/W Byte
N
Reg
l
0x00
68
STORE_USER_ALL
0x15 Store entire operating memory in
EEPROM.
Send Byte
N
102
RESTORE_USER_ALL
0x16 Restore entire operating memory from
EEPROM.
Send Byte
N
102
CAPABILITY
0x19 Summary of supported optional PMBus
features.
R Byte
N
Reg
0xB0
69
SMBALERT_MASK
0x1B Mask ALERT activity.
Block R/W
Y
Reg
l
see CMD
details
99
VOUT_TRANSITION_RATE
0x27 Slew rate for VFB (default) or VOUT soft-on/
off and margining, including changes to
VOUT_COMMAND.
R/W Word
Y
L11
V/ms
l
0.25
AA00
88
FREQUENCY_SWITCH
0x33 PWM frequency control.
R/W Word
N
L11
kHz
l
500kHz
0xFBE8
72
VIN_ON
0x35 Minimum input voltage to begin power
conversion.
R/W Word
N
L11
V
l
6.5V
0xCB40
78
VIN_OFF
0x36 Decreasing input voltage at which power
conversion stops.
R/W Word
N
L11
V
l
6.0V
0xCB00
78
IOUT_CAL_GAIN
0x38 Ratio of ISENSE voltage to sensed current. R/W Word
Y
L11
mΩ
l
5mΩ
0xCA80
81
VOUT_OV_FAULT_RESPONSE 0x41 Fault response for VOUT overvoltage and
power stage fault.
R Byte
Y
Reg
0x80
95
VOUT_UV_FAULT_RESPONSE 0x45 VOUT undervoltage fault response.
R/W Byte
Y
Reg
l
0xB8
96
IOUT_OC_FAULT_LIMIT
0x46 Output overcurrent fault limit.
R/W Word
Y
L11
A
l
29.75A
0xDBB8
82
IOUT_OC_FAULT_RESPONSE
0x47 Output overcurrent fault response.
R/W Byte
Y
Reg
l
0x00
97
IOUT_OC_WARN_LIMIT
0x4A Output overcurrent warning limit.
R/W Word
Y
L11
A
l
20.0A
0xDA80
82
OT_FAULT_LIMIT
0x4F External overtemperature fault limit.
R/W Word
Y
L11
°C
l
100.0°C
0xEB20
85
OT_FAULT_RESPONSE
0x50 External overtemperature fault response. R/W Byte
Y
Reg
l
0xB8
98
OT_WARN_LIMIT
0x51 External overtemperature warning limit.
R/W Word
Y
L11
°C
l
85.0°C
0xEAA8
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com