Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4677 Datasheet(PDF) 22 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 18Page - Analog Devices LTM4677 Datasheet HTML 19Page - Analog Devices LTM4677 Datasheet HTML 20Page - Analog Devices LTM4677 Datasheet HTML 21Page - Analog Devices LTM4677 Datasheet HTML 22Page - Analog Devices LTM4677 Datasheet HTML 23Page - Analog Devices LTM4677 Datasheet HTML 24Page - Analog Devices LTM4677 Datasheet HTML 25Page - Analog Devices LTM4677 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 110 page
background image
LTC3888-1
22
Rev. 0
For more information www.analog.com
If multiple LTC3888-1 ICs are used in an application,
shared RUN pins are held low until all units initialize and
VIN exceeds the VIN_ON threshold for all devices. A com-
mon SHARE_CLK signal can also ensure all connected
devices use the same time reference for initial start-up
even if RUN pins cannot be shared due to other design
requirements. SHARE_CLK is released by each IC once
the conditions for power sequencing have been fully satis-
fied, regardless of RUN pin state.
After a channel RUN pin rises above 2V and any specified
turn on delay (TON_DELAY) has expired, the LTC3888-1
performs an initial monotonic soft-start ramp on that
channel, allowing inrush current control. This is carried
out with a digitally controlled ramp of the internal EA
reference voltage from 0mV to the commanded value
(400mV factory default) at the VOUT_TRANSITION_RATE.
The soft-start feature is disabled by setting the value of
VOUT_TRANSITION_RATE to 4V/ms. The LTC3888-1 does
not initiate PWM operation until the commanded output
exceeds the actual rail voltage and ITH has risen to a level
that will avoid negative average choke current. This allows
the regulator to start up into a prebiased load.
TIME-BASED OUTPUT SEQUENCING
The LTC3888-1 supports time-based output on and off
sequencing using a shared time reference (SHARE_CLK).
Following a qualified command to turn on, each output is
enabled after waiting its programmed TON_DELAY. This
can be used to sequence outputs in a prescribed order
that can be reprogrammed as needed without hardware
modification. Channel off-sequencing is accomplished in
a similar way with the TOFF_DELAY command.
OUTPUT RAMPING CONTROL
The LTC3888-1 supports synchronized output on and
off ramping control using a shared time reference
(SHARE_CLK). Power rail on and off relationships
similar to those of conventional analog tracking func-
tions can be achieved by using programmed delays and
VOUT_TRANSITION_RATE. With LTC3888-1 digital con-
trol, ramping configurations can be reprogrammed as
needed without hardware modification.
Programmable fault responses and fault sharing can
ensure that any desired time-based output sequencing
and ramping control is properly accomplished each time
the system powers up or down. Refer to the Applications
Information section for various LTC3888-1 hardware and
PMBus command configurations needed to fully support
synchronization for time-based sequencing and output
ramping when using multiple ICs.
VOLTAGE-BASED OUTPUT SEQUENCING
It is also possible to sequence outputs on using cascaded
voltage events. To do this, the PGOOD status pin of one
PWM channel can be used to control the RUN pin of a
downstream channel. The controlling PGOOD pin holds
RUN low if VOUT is below the VOUT_UV_FAULT_LIMIT or
if power-good conditions are not being met. This keeps
the downstream channel off until acceptable output con-
ditions exist on the controlling channel. The LTC3888-1
does not readily support voltage-based off-sequencing.
Refer to the Applications Information section for more
details on voltage-based sequencing.
OUTPUT DISABLE
All PWMs on the IC are disabled any time VIN is below
the VIN_OFF threshold. The power stages are immediately
shut off to stop the transfer of energy to the load(s) as
quickly as possible.
PWM channels may also be disabled in response to cer-
tain internal fault conditions, an external fault propagated
through a FAULT pin, or loss of SHARE_CLK. In these
cases the power stages are immediately commanded off
to stop the transfer of energy to the load as quickly as pos-
sible. Refer to the following Fault Detection and Handling
section for additional details related to fault recovery.
Each rail can be disabled with an OPERATION command
at any time if enabled by ON_OFF_CONFIG. This will force
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com