Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4677 Datasheet(PDF) 34 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 34 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 30Page - Analog Devices LTM4677 Datasheet HTML 31Page - Analog Devices LTM4677 Datasheet HTML 32Page - Analog Devices LTM4677 Datasheet HTML 33Page - Analog Devices LTM4677 Datasheet HTML 34Page - Analog Devices LTM4677 Datasheet HTML 35Page - Analog Devices LTM4677 Datasheet HTML 36Page - Analog Devices LTM4677 Datasheet HTML 37Page - Analog Devices LTM4677 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 110 page
background image
LTC3888-1
34
Rev. 0
For more information www.analog.com
OPERATION
FACTORY DEFAULT OPERATION
The LTC3888-1 ships from the factory with a default con-
figuration stored in its non-volatile memory unless custom
programming has been requested. These command values
are loaded into volatile RAM when the chip is initialized. Prior
to receiving any PMBus commands, a stock LTC3888-1 will
operate in the factory default mode. If a STORE_USER_
ALL command is executed, the contents of the non-volatile
memory are replaced with active command values from
internal RAM, and that will permanently overwrite the fac-
tory defaults. Table 5 summarizes the default factory opera-
tion settings of the LTC3888-1 if all resistor configuration
pins are left open. These defaults allow parameters listed
in bold text in the table to be overridden with configuration
resistor programming. Warning limits are given in Table 5
because exceeding them will cause the ALERT pin to be
asserted even if the PMBus interface is not being utilized.
Table 5. Factory Default Operation Summary
PARAMETER*
DEFAULT SETTING
UNITS
PMBus Address
All writes enabled to Channel 0 at address 0x4F (no PEC).
–
Operation
OPERATION enabled with RUN pin control and soft-off.
–
Input Voltage OFF Threshold
6.0
V
Input Voltage UV Warning Limit
6.3
V
Input Voltage ON Threshold
6.5
V
Input Voltage OV Fault Limit
15.5
V
Input Voltage OV Fault Response
Latch off
–
Soft-Start Time
1.6 (with no delay)
ms
Maximum Start-Up Time (TMAX)
10
ms
TMAX Fault Response
Retry every 350ms
–
Output Voltage UV Fault Limit
–10% of nominal VOUT
–
Output Voltage UV Fault Response
Retry every 350ms
–
Output Voltage
Set by external R-divider (VFB = 400mV, VOUT servo disabled)
–
Output Voltage OV Fault Limit
10% of nominal VOUT
–
Output Voltage OV Fault Response
Latch off
–
Shut Down
1.6ms soft-off
–
Output Current Monitor Gain
5.0
mΩ
Output Current OC Warning/Fault Limits
20/29.75
A
Output Current OC Fault Response
Ignore
–
PWM Switching Frequency
500
kHz
Master/Slave Configuration
4+4 (or 8-phase)
–
Internal Overtemperature Warning/Fault Limits
130/160
°C
Internal Overtemperature Responses
Warning: EEPROM disabled; Fault: PWM disabled
–
External Overtemperature Warning/Fault Limits
85/100
°C
External Overtemperature Fault Response
Retry every 350ms
–
FAULT
Asserts low for the following faults: VOUT UV or OV, VIN OV, external or internal OT,
TON_MAX, or output short cycle
–
ALERT Masking
Masked for loss of PLL lock and external fault inputs
–
*Bold entries can be changed with external configuration resistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com