Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4677 Datasheet(PDF) 97 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 97 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 93Page - Analog Devices LTM4677 Datasheet HTML 94Page - Analog Devices LTM4677 Datasheet HTML 95Page - Analog Devices LTM4677 Datasheet HTML 96Page - Analog Devices LTM4677 Datasheet HTML 97Page - Analog Devices LTM4677 Datasheet HTML 98Page - Analog Devices LTM4677 Datasheet HTML 99Page - Analog Devices LTM4677 Datasheet HTML 100Page - Analog Devices LTM4677 Datasheet HTML 101Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 110 page
background image
LTC3888-1
97
Rev. 0
For more information www.analog.com
MFR_VIN_PEAK
The MFR_VIN_PEAK command reports the highest voltage, in volts, measured for READ_VIN. This peak value can be
reset by a MFR_CLEAR_PEAKS command.
This read-only command has two data bytes in Linear_5s_11s format.
READ_VOUT
The READ_VOUT command returns the output voltage measured at the VSENSE± pins in volts.
This read-only command has two data bytes in Linear_16u format.
MFR_VOUT_PEAK
The MFR_VOUT_PEAK command reports the highest voltage, in volts, measured for READ_VOUT. This peak value can
be reset by a MFR_CLEAR_PEAKS command.
This read-only command has two data bytes in Linear_16u format.
READ_IOUT
The READ_IOUT command returns the master channel output current in amperes. This value is computed by applying
IOUT_CAL_GAIN to the voltage measured between ISENSE and IREF.
This read-only command has two data bytes in Linear_5s_11s format.
MFR_IOUT_PEAK
The MFR_IOUT_PEAK command reports the highest current, in amperes, calculated for READ_IOUT. This peak value
can be reset by a MFR_CLEAR_PEAKS command.
This read-only command has two data bytes in Linear_5s_11s format.
MFR_TOTAL_IOUT
The MFR_TOTAL_IOUT command reports the total output current for all on-chip phases of the entire rail as defined by
MFR_PWM_CONFIG_LTC3888-1. The value is calculated from the sum of the individual phase IOUT ADC conversions.
If bit 6 of MFR_PWM_CONFIG_LTC3888-1 is set, PWM2-PWM7 report 0A regardless of the actual output load. Sums
are always reported by page, even if the master channel has been defined as a slave (see bit 4 of MFR_PWM_MODE_
LTC3888-1). Sums across IC boundaries are not supported.
This read-only command has two data bytes in Linear_5s_11s format.
MFR_READ_ALL_IOUT
The MFR_READ_ALL_IOUT command reports the output current for each of the eight phases on the LTC3888-1 using
block read protocol. Monitor ADC results are presented in order from PWM0 to PWM7. If bit 6 of MFR_PWM_CONFIG_
LTC3888-1 is set, PWM2-PWM7 report 0A.
This read-only command uses block protocol with 17 bytes of data delivering IOUT results in Linear_5s_11s format.
PMBus COMMAND DETAILS (Telemetry)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com