Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4677 Datasheet(PDF) 23 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 19Page - Analog Devices LTM4677 Datasheet HTML 20Page - Analog Devices LTM4677 Datasheet HTML 21Page - Analog Devices LTM4677 Datasheet HTML 22Page - Analog Devices LTM4677 Datasheet HTML 23Page - Analog Devices LTM4677 Datasheet HTML 24Page - Analog Devices LTM4677 Datasheet HTML 25Page - Analog Devices LTM4677 Datasheet HTML 26Page - Analog Devices LTM4677 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 110 page
background image
LTC3888-1
23
Rev. 0
For more information www.analog.com
OPERATION
a controlled turn-off response with defined delay (TOFF_
DELAY) and ramp down rate (VOUT_TRANSITION_RATE).
Finally, each rail can be commanded off by pulling the
associated RUN pin low. Pulling the RUN pin low can force
the master to perform a controlled turn off or immediately
disable all rail power stages, depending on the program-
ming of ON_OFF_CONFIG.
Minimum Output Disable Times
When OPERATION is used to turn off an LTC3888-1 rail,
a minimum output disable time of 120ms is imposed
regardless of how quickly the rail is commanded back
on. If bit 4 of MFR_CHAN_CONFIG is clear, a PMBus com-
mand to turn the channel off also pulses the RUN pin low.
Once the RUN pin is pulled low internally or externally,
a minimum output disable time (RUN forced low by the
LTC3888-1) of TOFF_DELAY + VOUT/VOUT_TRANSITION_
RATE + 136ms is enforced. If MFR_RESTART_DELAY is
greater than this mandatory minimum, the larger value
of MFR_RESTART_DELAY is used. These minimum off
times allow a consistent rail restart with coherent monitor
ADC values and make the LTC3888-1 highly compatible
with other ADI PMBus digital power system management
products.
OUTPUT SHORT CYCLE
An output short cycle condition is created when a master
channel is commanded back on while waiting for con-
trolled turn off to complete based on TOFF_DELAY and
VOUT_TRANSITION_RATE. Any time this occurs, the
LTC3888-1 asserts the short cycle bit in STATUS_MFR_
SPECIFIC. Device response at that point is governed by
bits in MFR_CHAN_CONFIG and SMBALERT_MASK.
Refer to the detailed descriptions of those commands
for additional details. Generally, the LTC3888-1 should be
controlled so that short cycle conditions are not created
during normal operation.
SWITCHING FREQUENCY AND PHASE
There is a high degree of flexibility for setting the PWM
operating frequency of the LTC3888-1. The switching fre-
quency of the PWM can be established with an internal
oscillator or an external time base. The internal phase-
locked loop (PLL) synchronizes PWM control to this tim-
ing reference with proper phase relation. The device can
also be configured to provide the master clock (SYNC)
to other ICs through PMBus command or EEPROM set-
ting. The LTC3888-1 is designated as a clock master by
clearing bit 4 of MFR_CONFIG_ALL. As clock master,
the LTC3888-1 will drive its open-drain SYNC pin at the
selected rate with a pulse width of 500ns. An external
pull-up resistor between SYNC and VDD33 is required in
this case. Only one device connected to SYNC should be
designated to drive the pin. If more than one LTC3888-1
sharing SYNC is programmed as clock master, just one of
the devices is automatically elected to provide the clock.
The others disable their SYNC outputs and indicate this
with bit 10 of MFR_PADS_LTC3888-1.
The LTC3888-1 will automatically accept an external
SYNC input, disabling is own SYNC drive if necessary, as
long as the external clock frequency is greater than one-
half of the programmed internal oscillator. Whether con-
figured to drive SYNC or not, the LTC3888-1 will continue
PWM operation at the selected frequency (FREQUENCY_
SWITCH) using its own internal oscillator if an external
clock signal is subsequently lost.
The MFR_PWM_CONFIG_LTC3888-1 command can be
used to create a specific master/slave configuration and
assign the phase of each channel. Desired master/slave
arrangement can also be set from EEPROM or external
configuration resistors as outlined in Table 11. Phase des-
ignates the relationship between the falling edge of SYNC
and the internal clock edge that sets the PWM latch for
that channel. Additional small propagation delays to the
PWM control pins will apply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com