Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4677 Datasheet(PDF) 62 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 62 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 58Page - Analog Devices LTM4677 Datasheet HTML 59Page - Analog Devices LTM4677 Datasheet HTML 60Page - Analog Devices LTM4677 Datasheet HTML 61Page - Analog Devices LTM4677 Datasheet HTML 62Page - Analog Devices LTM4677 Datasheet HTML 63Page - Analog Devices LTM4677 Datasheet HTML 64Page - Analog Devices LTM4677 Datasheet HTML 65Page - Analog Devices LTM4677 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 110 page
background image
LTC3888-1
62
Rev. 0
For more information www.analog.com
where:
IEXT = total external load drawn from VDD33, including
local pull-up resistors, in amps
IRC25 = total current drawn from VDD25 by LTC3888-1
configuration resistors, in amps
and fPWM is the PWM switching frequency in kHz
The maximum junction temperature of the LTC3888-1 in
°C may then be found from the following equation
TJ = TA + 36 • PD
with ambient temperature TA expressed in °C
DERATING EEPROM RETENTION AT TEMPERATURE
EEPROM read operations between 85°C and 125°C will
not affect data storage. But retention will be degraded if
the EEPROM is written above 85°C or stored or oper-
ated above 125°C. If an occasional fault log is generated
above 85°C, the slight reduction in data retention in the
EEPROM fault log area will not affect the use of the func-
tion or other EEPROM storage. See the Operation section
for other high temperature EEPROM functional details.
Degradation in data retention can be approximated by
calculating the dimensionless acceleration factor using
the following equation.
AF = e
Ea
k
•
1
TUSE+273
−
1
TSTRESS+273
⎛
⎝
⎜
⎛
⎝
⎜
⎞
⎠
⎟
⎞
⎠
⎟
⎡
⎣
⎢
⎢
⎤
⎦
⎥
⎥
Where:
AF = acceleration factor
Ea = activation energy = 1.4eV
k = 8.617 • 10–5 eV/°K
TUSE = is the specified junction temperature
TSTRESS = actual junction temperature in °C
As an example, if the device is stored at 130°C for 10
hours,
TSTRESS = 130°C, and
AF = e
1.4
8.617•10–5
⎛
⎝
⎜
⎞
⎠
⎟ •
1
398
−
1
403
⎛
⎝
⎜
⎞
⎠
⎟
⎡
⎣
⎢
⎤
⎦
⎥
= 1.66
indicating the effect is the same as operating the device at
125°C for 10 • 1.66 = 16.6 hours, resulting in a retention
derating of 6.6 hours.
CONFIGURING OPEN-DRAIN PINS
The LTC3888-1 has the following open-drain pins:
• 3.3V Pins
1. PGOOD0/CLKOUT
2. PGOOD1
3. FAULT0, FAULT1
4. SYNC
5. SHARE_CLK
• 5V Capable Pins
(These pins operate correctly when pulled to 3.3V.)
1. RUN0, RUN1
2. ALERT
3. SCL
4. SDA
Most of the above pins have on-chip pull-down transis-
tors that can sink 3mA at 0.4V. The low state threshold
on these pins provides ample noise margin with 3mA of
current. For 3.3V pins, 3mA of current is produced by
a 1.1k pull-up resistor. Unless there are transient speed
issues associated with the RC time constant of the net, a
10k resistor or larger is generally recommended.
The pull-up resistor for PGOOD should be terminated
to the LTC3888-1 VDD33 pin or a separate bias supply
under 3.6V that is up before the LTC3888-1 is enabled.
Otherwise, power-not-good may be falsely indicated after
the PWM outputs are running.
For high speed signals such as SDA and SCL, a lower
value resistor may be required. The RC time constant
should be set to one-third to one-fifth the required rise
time to avoid timing issues. For a 100pF load and a 400kHz
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com