Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SL321 Datasheet(PDF) 45 Page - Dialog Semiconductor

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL321 Datasheet(HTML) 45 Page - Dialog Semiconductor

Back Button AT25SL321 Datasheet HTML 41Page - Dialog Semiconductor AT25SL321 Datasheet HTML 42Page - Dialog Semiconductor AT25SL321 Datasheet HTML 43Page - Dialog Semiconductor AT25SL321 Datasheet HTML 44Page - Dialog Semiconductor AT25SL321 Datasheet HTML 45Page - Dialog Semiconductor AT25SL321 Datasheet HTML 46Page - Dialog Semiconductor AT25SL321 Datasheet HTML 47Page - Dialog Semiconductor AT25SL321 Datasheet HTML 48Page - Dialog Semiconductor AT25SL321 Datasheet HTML 49Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 82 page
background image
44
AT25SL321
DS-25SL321–112H–2020-10
Figure 8-41. Release Power Down / Device ID Instruction (SPI Mode)
8.25 Read Manufacturer / Device ID (90h)
The Read Manufacturer/ Device ID instruction provides both the JEDEC assigned manufacturer ID and the
specific device ID. This instruction can be issued in both SPI mode and QPI mode. In SPI mode, the 90h instruction
is called a 1-1-1 transfer, where the instruction, address, and data are all driven on a single pin (SI for instruction
and address, and SO for data). In QPI mode, the 90h instruction is called a 4-4-4 transfer, where the instruction,
address, and data are driven on the IO0 - IO3 pins.
Note that in QPI mode, the following events must occur in the order shown.
1.
Set the QE bit in Status Register-2.
2.
Execute the QPI Enable (38h) instruction.
3.
Execute the 90h instruction.
In SPI mode, the operation is initiated by driving the CS pin low and then driving the instruction code 90h onto the
SI pin, followed by a 24-bit address (A23-A0) of 000000h. The 90h instruction requires 8 clocks to transfer, and
the 24-bit address requires 24 clocks to transfer. The Manufacturer ID for Adesto (1Fh) and the Device ID (17h)
are shifted out on the SO pin on the falling edge of SCK with most significant bit (MSB) first. A minimum or 16
clocks are required to transfer the manufacturer and device ID information. If the 24-bit address is
initially set to 000001h the Device ID is read first and then followed by the Manufacturer ID. The Manufacturer
and Device ID can be read continuously, alternating from one to the other. The instruction is completed by driving
CS high.
In QPI mode, the SI, SO, WP, and HOLD pins are configured as bidirectional pins IO0, IO1, IO2, and IO3
respectively. The 90h operation the operation is initiated by driving the CS pin low and then driving the instruction
code 90h onto the IO0 - IO3 pins, followed by a 24-bit address (A23-A0) of 000000h. The 90h instruction requires
2 clocks to transfer, and the 24-bit address requires 6 clocks to transfer. The Manufacturer ID for Adesto (1Fh)
and the Device ID (17h) are shifted out on the bidirectional IO0 - IO3 pins on the falling edge of SCK, with most
significant bit (MSB) first. A minimum or 4 clocks are required to transfer the manufacturer and
device ID information. If the 24-bit address is initially set to 000001h the Device ID is read first and then
followed by the Manufacturer ID. The Manufacturer and Device ID can be read continuously, alternating from one
to the other. The instruction is completed by driving CS high.
Figure 8-42 shows the 90h command as executed in SPI mode. In this mode the instruction and address are driven
on the SI pin. Figure 8-43 shows the 90h command as executed in QPI mode. In this mode the instruction and
address are driven on all four I/O pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com