Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SL321 Datasheet(PDF) 22 Page - Dialog Semiconductor

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL321 Datasheet(HTML) 22 Page - Dialog Semiconductor

Back Button AT25SL321 Datasheet HTML 18Page - Dialog Semiconductor AT25SL321 Datasheet HTML 19Page - Dialog Semiconductor AT25SL321 Datasheet HTML 20Page - Dialog Semiconductor AT25SL321 Datasheet HTML 21Page - Dialog Semiconductor AT25SL321 Datasheet HTML 22Page - Dialog Semiconductor AT25SL321 Datasheet HTML 23Page - Dialog Semiconductor AT25SL321 Datasheet HTML 24Page - Dialog Semiconductor AT25SL321 Datasheet HTML 25Page - Dialog Semiconductor AT25SL321 Datasheet HTML 26Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 82 page
background image
21
AT25SL321
DS-25SL321–112H–2020-10
8.5
Read Status Register-1 (05h) and Read Status Register-2 (35h)
The Read Status Register instructions are to read the Status Registers. The Read Status Register can be
executed at any time (even in program/erase/write Status Register and Write Security Register condition). It is
recommended to check the BUSY bit before sending a new instruction when a Program, Erase, Write Status
Register or Write Status Register operation is in progress.
The instruction is entered by driving CS low and sending the instruction code 05h for Status Register-1 or 35h for
Status Register-2 onto the SI pin on the rising edge of SCK. The Status register bits are then shifted out on the SO
pin at the falling edge of SCK with the most significant bit (MSB) first as shown in (Figure 8-4 and Figure 8-5). The
Status Register can be read continuously. The instruction is completed by driving CS high.
Figure 8-4. Read Status Register Instruction (SPI Mode)
Figure 8-5. Read Status Register Instruction (QPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com