Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SL321 Datasheet(PDF) 68 Page - Dialog Semiconductor

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL321 Datasheet(HTML) 68 Page - Dialog Semiconductor

Back Button AT25SL321 Datasheet HTML 64Page - Dialog Semiconductor AT25SL321 Datasheet HTML 65Page - Dialog Semiconductor AT25SL321 Datasheet HTML 66Page - Dialog Semiconductor AT25SL321 Datasheet HTML 67Page - Dialog Semiconductor AT25SL321 Datasheet HTML 68Page - Dialog Semiconductor AT25SL321 Datasheet HTML 69Page - Dialog Semiconductor AT25SL321 Datasheet HTML 70Page - Dialog Semiconductor AT25SL321 Datasheet HTML 71Page - Dialog Semiconductor AT25SL321 Datasheet HTML 72Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 82 page
background image
67
AT25SL321
DS-25SL321–112H–2020-10
8.40 Write Security Register (2Fh)
The Write Security Register instruction is for changing the values of Security Register bits. Unlike the Write Status
Register instruction, the Write Enable instruction is not required before writing Write Security Register instruction.
The Write Security Register instruction can change the value of bit1 (LDSO bit) for customer to lock-down the 4
kbit Secured OTP area. Once the LDSO bit is set to “1”, the Secured OTP area cannot be updated any more.
The CS must go high exactly at the boundary; otherwise, the instruction are rejected and not executed.
Figure 8-63. Write Security Register Instruction for SPI Mode (left) and QPI Mode (right)
8.41 4 kbit Secured OTP
It’s for unique identifier to provide 4 kbit one-time-program area for setting device unique serial number which
can be set by factory or system customer. See Table 8-13, Secured OTP Address Space.
•
Security register bit 0 indicates whether the chip is locked by the factory or not.
•
To program the 4 kbit secured OTP by entering 4 kbit secured OTP mode (with ENSO command) and going
through normal program procedure, and then exiting 4 kbit secured OTP mode by writing the EXSO
command.
•
Customer might lock-down bit 1 as ‘1’. See Table 8-13, Secured OTP Address Space.
Note. Once lock-down whatever by factory or customer, it cannot be changed any more. While in 4 kbit secured
OTP mode, write access to the array is not allowed.
Table 8-13. Secured OTP Address Space
Address Range
Size
Standard
Customer Lock
000000 ~ 00000F
128-bit
ESN
(Electrical Serial Number)
Determined by customer
000010 ~ 0001FF
3968-bit
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com