Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SL321 Datasheet(PDF) 38 Page - Dialog Semiconductor

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL321 Datasheet(HTML) 38 Page - Dialog Semiconductor

Back Button AT25SL321 Datasheet HTML 34Page - Dialog Semiconductor AT25SL321 Datasheet HTML 35Page - Dialog Semiconductor AT25SL321 Datasheet HTML 36Page - Dialog Semiconductor AT25SL321 Datasheet HTML 37Page - Dialog Semiconductor AT25SL321 Datasheet HTML 38Page - Dialog Semiconductor AT25SL321 Datasheet HTML 39Page - Dialog Semiconductor AT25SL321 Datasheet HTML 40Page - Dialog Semiconductor AT25SL321 Datasheet HTML 41Page - Dialog Semiconductor AT25SL321 Datasheet HTML 42Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 82 page
background image
37
AT25SL321
DS-25SL321–112H–2020-10
8.18 32 kB Block Erase (52h)
The Block Erase instruction is to erase the data of the selected block as being ‘1’. The instruction is used for 32K-
byte Block erase operation. Prior to the Block Erase Instruction, a Write Enable instruction must be issued. The
instruction is initiated by driving the CS pin low and shifting the instruction code 52h followed a 24-bit block
address (A23-A0). See Figure 8-28 and Figure 8-29.
The CS pin must go high after the eighth bit of the last byte has been latched in, otherwise, the Block Erase
instruction can not be executed. After CS is driven high, the self-timed Block Erase instruction commences for a
time duration of tBE1. See Section 9.8, AC Electrical Characteristics.
While the Block Erase cycle is in progress, the Read Status Register instruction can still be read the status of
the BUSY bit. The BUSY bit is a 1 during the Block Erase cycle and becomes a 0 when the cycle is finished
and the device is ready to accept other instructions again. When the BUSY bit is asserted, the Write Enable Latch
(WEL) bit in the Status Register is cleared to 0.
Figure 8-28. 32 kB Block Erase Instruction (SPI Mode)
Figure 8-29. 32 kB Block Erase Instruction (QPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com