Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SL321 Datasheet(PDF) 30 Page - Dialog Semiconductor

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL321 Datasheet(HTML) 30 Page - Dialog Semiconductor

Back Button AT25SL321 Datasheet HTML 26Page - Dialog Semiconductor AT25SL321 Datasheet HTML 27Page - Dialog Semiconductor AT25SL321 Datasheet HTML 28Page - Dialog Semiconductor AT25SL321 Datasheet HTML 29Page - Dialog Semiconductor AT25SL321 Datasheet HTML 30Page - Dialog Semiconductor AT25SL321 Datasheet HTML 31Page - Dialog Semiconductor AT25SL321 Datasheet HTML 32Page - Dialog Semiconductor AT25SL321 Datasheet HTML 33Page - Dialog Semiconductor AT25SL321 Datasheet HTML 34Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 82 page
background image
29
AT25SL321
DS-25SL321–112H–2020-10
8.14 Fast Read Quad I/O (EBh)
The Fast Read Quad I/O instruction reduces cycle overhead through quad access using four IO pins: IO0, IO1,
IO2, and IO3. The Quad Enable bit (QE) of Status Register-2 must be set to enable the Fast read Quad I/O
Instruction.
Continuous Read Mode
The Fast Read Quad I/O instruction can further reduce instruction overhead through setting the Mode bits (M7-
0) with following the input Address bits (A23-0), as shown in Figure 8-18. The upper nibble of the Mode (M7-4)
controls the length of the next Fast Read Quad I/O instruction through the inclusion or exclusion of the first byte
instruction code. The lower nibble bits of the Mode (M3-0) are don’t care (“X”). However, the IO pins are going to
be high-impedance prior to the falling edge of the first data out clock.
If the Mode bits (M7-0) equal “Ax” hex, then the next Fast Read Quad I/O instruction (after CS is raised and then
lowered) does not require the EBh instruction code, as shown in Figure 8-19. This reduces the instruction
sequence by eight clocks and allows the address to be immediately entered after CS is asserted low. If the
Mode bits (M7-0) are any value other than “Ax” hex, the next instruction (after CS is raised and then lowered)
requires the first byte instruction code, thus retuning normal operation. A Mode Bit Reset can be used to reset
Mode Bits (M7-0) before issuing normal instructions.
Figure 8-18. Fast Read Quad I/O Instruction (Initial instruction or previous M7-0 ≠ Axh, SPI mode)
Figure 8-19. Fast Read Quad I/O Instruction (previous M7-0 = Axh, SPI mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com