Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SL321 Datasheet(PDF) 72 Page - Dialog Semiconductor

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL321 Datasheet(HTML) 72 Page - Dialog Semiconductor

Back Button AT25SL321 Datasheet HTML 68Page - Dialog Semiconductor AT25SL321 Datasheet HTML 69Page - Dialog Semiconductor AT25SL321 Datasheet HTML 70Page - Dialog Semiconductor AT25SL321 Datasheet HTML 71Page - Dialog Semiconductor AT25SL321 Datasheet HTML 72Page - Dialog Semiconductor AT25SL321 Datasheet HTML 73Page - Dialog Semiconductor AT25SL321 Datasheet HTML 74Page - Dialog Semiconductor AT25SL321 Datasheet HTML 75Page - Dialog Semiconductor AT25SL321 Datasheet HTML 76Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 82 page
background image
71
AT25SL321
DS-25SL321–112H–2020-10
Note:
1.
Output Hi-Z is defined as the point where data out is no longer driven
Figure 9-3. AC Measurement I/O Waveform
9.7
AC Measurement Conditions
Parameter
Symbol
Min
Max
Units
Load Capacitance
CL
30
pF
Input Rise and Fall Times
TR, TF
5
ns
Input Pulse Voltages
VIN
0.2 VCC to 0.8 VCC
V
Input Timing Reference Voltages
IN
0.3 VCC to 0.7 VCC
V
Output Timing Reference Voltages
OUT
0.5 VCC to 0.5 VCC
V
9.8
AC Electrical Characteristics
Parameter
Symbol
Alt
Min
Typ
Max
Units
Clock frequency. For all instructions, except Read Data (03h)
1.7V-1.95V VCC & Industrial Temperature
FR
fc
DC
104
MHz
Clock freq. Read Data instruction (03h)
fR
DC
50
MHz
Clock High, Low Time except Read Data (03h)
tCLH, tCLL
1
4.5
ns
Clock High, Low Time for Read Data (03h)instructions
tCRLH, tCRLL 1
8
ns
Clock Rise Time peak to peak
tCLCH
2
0.1
V/ns
Clock Fall Time peak to peak
tCHCL 2
0.1
V/ns
CS Active Setup Time relative to Clock
tSLCH
tCSS
5
ns
CS Not Active Hold Time relative to Clock
tCHSL
5
ns
Data In Setup Time
tDVCH
tDSU
2
ns
Data In Hold Time
tCHDX
tDH
5
ns
CS Active Hold Time relative to Clock
tCHSH
5
ns
CS Not Active Setup Time relative to Clock
tSHCH
5
ns
CS Deselect Time (for Read instructions/ Write,
Erase and Program instructions)
tSHSL
tCSH
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com