Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SL321 Datasheet(PDF) 37 Page - Dialog Semiconductor

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL321 Datasheet(HTML) 37 Page - Dialog Semiconductor

Back Button AT25SL321 Datasheet HTML 33Page - Dialog Semiconductor AT25SL321 Datasheet HTML 34Page - Dialog Semiconductor AT25SL321 Datasheet HTML 35Page - Dialog Semiconductor AT25SL321 Datasheet HTML 36Page - Dialog Semiconductor AT25SL321 Datasheet HTML 37Page - Dialog Semiconductor AT25SL321 Datasheet HTML 38Page - Dialog Semiconductor AT25SL321 Datasheet HTML 39Page - Dialog Semiconductor AT25SL321 Datasheet HTML 40Page - Dialog Semiconductor AT25SL321 Datasheet HTML 41Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 82 page
background image
36
AT25SL321
DS-25SL321–112H–2020-10
8.17 Block Erase (20h)
The Block Erase instruction is to erase the data of the selected sector as being ‘1’. The instruction is used for 4K-
byte Block. Prior to the Block Erase Instruction, the Write Enable instruction must be issued. The instruction is
initiated by driving the CS pin low and shifting the instruction code 20h followed a 24-bit Block address (A23-A0).
See Figure 8-26 and Figure 8-27. The CS pin must go high after the eighth bit of the last byte has been latched in,
otherwise, the Block Erase instruction can not be executed. After CS goes high, the self-timed Block Erase
instruction commences for a time duration of tSE. See Section 9.8, AC Electrical Characteristics.
While the Block Erase cycle is in progress, the Read Status Register instruction can still be accessed for checking
the status of the BUSY bit. The BUSY bit is a 1 during the Block Erase cycle and becomes a 0 when the cycle is
finished and the device is ready to accept other instructions again. When the BUSY bit is asserted, the Write
Enable Latch (WEL) bit in the Status Register is cleared to 0.
Figure 8-26. Block Erase Instruction (SPI Mode)
Figure 8-27. Block Erase Instruction (QPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com