Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SL321 Datasheet(PDF) 12 Page - Dialog Semiconductor

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL321 Datasheet(HTML) 12 Page - Dialog Semiconductor

Back Button AT25SL321 Datasheet HTML 8Page - Dialog Semiconductor AT25SL321 Datasheet HTML 9Page - Dialog Semiconductor AT25SL321 Datasheet HTML 10Page - Dialog Semiconductor AT25SL321 Datasheet HTML 11Page - Dialog Semiconductor AT25SL321 Datasheet HTML 12Page - Dialog Semiconductor AT25SL321 Datasheet HTML 13Page - Dialog Semiconductor AT25SL321 Datasheet HTML 14Page - Dialog Semiconductor AT25SL321 Datasheet HTML 15Page - Dialog Semiconductor AT25SL321 Datasheet HTML 16Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 82 page
background image
11
AT25SL321
DS-25SL321–112H–2020-10
6.
Write Protection
To protect inadvertent writes by the possible noise, several means of protection are applied to the Flash memory.
6.1
Write Protect Features
• While Power-on reset, all operations are disabled and no instruction is recognized.
• An internal time delay of tPUW can protect the data against inadvertent changes while the power supply is
outside the operating specification. This includes the Write Enable, Page program, Block Erase, Chip Erase, Write
Security Register and the Write Status Register instructions.
• For data changes, Write Enable instruction must be issued to set the Write Enable Latch (WEL) bit to “0”.
Power-up, Completion of Write Disable, Write Status Register, Page program, Block Erase and Chip Erase are
subjected to this condition.
•Write Protect (WP) pin can control to change the Status Register under hardware control.
• The Deep Power Down mode provides extra protection from unexpected data changes as all instructions are
ignored under this status except for Release Deep Power Down instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com