Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SL321 Datasheet(PDF) 33 Page - Dialog Semiconductor

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL321 Datasheet(HTML) 33 Page - Dialog Semiconductor

Back Button AT25SL321 Datasheet HTML 29Page - Dialog Semiconductor AT25SL321 Datasheet HTML 30Page - Dialog Semiconductor AT25SL321 Datasheet HTML 31Page - Dialog Semiconductor AT25SL321 Datasheet HTML 32Page - Dialog Semiconductor AT25SL321 Datasheet HTML 33Page - Dialog Semiconductor AT25SL321 Datasheet HTML 34Page - Dialog Semiconductor AT25SL321 Datasheet HTML 35Page - Dialog Semiconductor AT25SL321 Datasheet HTML 36Page - Dialog Semiconductor AT25SL321 Datasheet HTML 37Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 82 page
background image
32
AT25SL321
DS-25SL321–112H–2020-10
8.15 Page Program (02h)
This instruction programs the memory to 0. A Write Enable instruction must be issued before the device accepts
this instruction (Status Register bit WEL = 1). After the Write Enable (WREN) instruction has been decoded, the
device sets the Write Enable Latch (WEL). The instruction is entered by driving the CS pin low, then sending the
instruction code 02h with a 24-bits address (A23-A0) and at least one data byte, into the SI pin. The CS pin
must be driven low for the entire time of the instruction while data is being sent to the device. (See Figure 8-22 and
Figure 8-23).
If an entire 256 byte page is to be programmed, the last address byte (the 8 least significant address bits) is set to
0. If the last address byte is not zero, and the number of clocks exceeds the remaining page length, the
addressing must wrap to the beginning of the page. In some cases, less than 256 bytes (a partial page) can be
programmed without having any effect on other bytes within the same page. One condition to perform a partial
page program is that the number of clocks cannot exceed the remaining page length. If more than 256 bytes are
sent to the device, the addressing must wrap to the beginning of the page and overwrite previously sent data.
The CS pin must be driven high after the eighth bit of the last byte has been latched. If this is not done, this
instruction cannot be executed. After CS is driven high, the self-timed Page Program instruction commences for
a time duration of tPP (see Section 9.8, AC Electrical Characteristics). While the Page Program cycle is in progress,
the Read Status Register instruction can still be accessed for checking the status of the BUSY bit. The BUSY bit is
a 1 during the Page Program cycle and becomes a 0 when the cycle is finished and the device is ready to accept
other instructions. When the BUSY bit is asserted, the Write Enable Latch (WEL) bit in the Status Register is
cleared to 0.
Figure 8-22. Page Program Instruction (SPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com