Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SL321 Datasheet(PDF) 73 Page - Dialog Semiconductor

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL321 Datasheet(HTML) 73 Page - Dialog Semiconductor

Back Button AT25SL321 Datasheet HTML 69Page - Dialog Semiconductor AT25SL321 Datasheet HTML 70Page - Dialog Semiconductor AT25SL321 Datasheet HTML 71Page - Dialog Semiconductor AT25SL321 Datasheet HTML 72Page - Dialog Semiconductor AT25SL321 Datasheet HTML 73Page - Dialog Semiconductor AT25SL321 Datasheet HTML 74Page - Dialog Semiconductor AT25SL321 Datasheet HTML 75Page - Dialog Semiconductor AT25SL321 Datasheet HTML 76Page - Dialog Semiconductor AT25SL321 Datasheet HTML 77Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 82 page
background image
72
AT25SL321
DS-25SL321–112H–2020-10
Notes:
1. Clock high + Clock low must be less than or equal to 1/fc.
2. Value guaranteed by design and/or characterization, not 100% tested in production.
3. Contains: Read Status Register-1,2/ Read Manufacturer/Device ID, Dual, Quad/ Read JEDEC ID/ Read Security Register/ Read Serial
Flash Discovery Parameter.
4. Only applicable as a constraint for a Write Status Register instruction when Sector Protect Bit is set to 1.
Output Disable Time
tSHQZ 2
tDIS
7
ns
Clock Low to Output Valid
tCLQV
tV1
7
ns
Clock Low to Output Valid ( Except Main Read ) (3)
tCLQV
tV2
8
ns
Output Hold Time
tCLQX
tHO
1.5
ns
HOLD Active Setup Time relative to Clock
tHLCH
5
ns
HOLD Active Hold Time relative to Clock
tCHHH
5
ns
HOLD Not Active Setup Time relative to Clock
tHHCH
5
ns
HOLD Not Active Hold Time relative to Clock
tCHHL
5
ns
HOLD to Output Low-Z
tHHQX 2
tLZ
7
ns
HOLD to Output High-Z
tHLQZ 2
tHZ
12
ns
Write Protect Setup Time Before CS Low
tWHSL
4
20
ns
Write Protect Setup Time After CS High
tSHWL
4
100
ns
CS High to Power Down Mode
tDP
2
3
µs
CS High to Standby Mode without Electronic Signature Read
tRES1
2
3
µs
CS High to Standby Mode with Electronic Signature Read
tRES2
2
1.8
µs
CS High to next Instruction after Suspend
tSUS
2
30
µs
CS High to next Instruction after Reset
tRST
2
30
µs
Write Status Register Time
tw
10
15
ms
Byte Program Time
tBP
10
150
µs
Page Program Time
tPP
0.6
5
ms
Page Program Time (ACC = 9V)
tEP
0.3
3
ms
Block Erase Time (4 kB)
tSE
0.06
0.4
s
Block Erase Time (32 kB)
tBE1
0.20
1.5
s
Block Erase Time (64 kB)
tBE2
0.35
2
s
Chip Erase Time
tCE
20
80
s
9.8
AC Electrical Characteristics (continued)
Parameter
Symbol
Alt
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com