Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SL321 Datasheet(PDF) 67 Page - Dialog Semiconductor

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL321 Datasheet(HTML) 67 Page - Dialog Semiconductor

Back Button AT25SL321 Datasheet HTML 63Page - Dialog Semiconductor AT25SL321 Datasheet HTML 64Page - Dialog Semiconductor AT25SL321 Datasheet HTML 65Page - Dialog Semiconductor AT25SL321 Datasheet HTML 66Page - Dialog Semiconductor AT25SL321 Datasheet HTML 67Page - Dialog Semiconductor AT25SL321 Datasheet HTML 68Page - Dialog Semiconductor AT25SL321 Datasheet HTML 69Page - Dialog Semiconductor AT25SL321 Datasheet HTML 70Page - Dialog Semiconductor AT25SL321 Datasheet HTML 71Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 82 page
background image
66
AT25SL321
DS-25SL321–112H–2020-10
8.39 Read Security Register (2Bh)
The Read Security Register can be read the value of Security Register bits at any time (even in
program/erase/write status register-1 and write status register-2 condition) and continuously.
Secured OTP Indicator bit. The Secured OTP indicator bit shows the chip is locked by factory before ex-factory
or not. When it is ‘0’, it indicates non-factory lock, ‘1’ indicates factory-lock.
Lock-down Secured OTP (LDSO) bit. By writing Write Security Register instruction, the LDSO bit can be set to
“1” for customer lock-down purpose. However, once the bit it set to “1” (Lock-down), the LDSO bit and the 4 kbit
Secured OTP area cannot be updated any more. While it is in 4 kbit Secured OTP mode, array access is not
allowed to write.
Figure 8-61. Read Security Register instruction (SPI Mode)
Figure 8-62. Read Security Register instruction (QPI Mode)
Table 8-12. Security Register Definition
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
x
x
x
x
x
x
LDSO
(indicate if lock- down)
Secured
OTP indicator bit
Reserved Reserved
Reserved Reserved
Reserved Reserved
0 = not lock-down
1 = lock down
(cannot program/
erase OTP)
0 = non factory lock
1 = factory lock
Volatile
bit
Volatile
bit
Volatile
bit
Volatile
bit
Volatile
bit
Volatile
bit
Non- Volatile bit
Non- Volatile bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com