Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SL321 Datasheet(PDF) 55 Page - Dialog Semiconductor

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL321 Datasheet(HTML) 55 Page - Dialog Semiconductor

Back Button AT25SL321 Datasheet HTML 51Page - Dialog Semiconductor AT25SL321 Datasheet HTML 52Page - Dialog Semiconductor AT25SL321 Datasheet HTML 53Page - Dialog Semiconductor AT25SL321 Datasheet HTML 54Page - Dialog Semiconductor AT25SL321 Datasheet HTML 55Page - Dialog Semiconductor AT25SL321 Datasheet HTML 56Page - Dialog Semiconductor AT25SL321 Datasheet HTML 57Page - Dialog Semiconductor AT25SL321 Datasheet HTML 58Page - Dialog Semiconductor AT25SL321 Datasheet HTML 59Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 82 page
background image
54
AT25SL321
DS-25SL321–112H–2020-10
8.34 Set Read Parameters (C0h)
In QPI mode, to accommodate a wide range of applications with different needs for either maximum read
frequency or minimum data access latency, the Set Read Parameters (C0h) instruction can be used to configure
the number of dummy clocks for the Fast Read (0Bh), Fast Read Quad I/O (EBh), and Burst Read with Wrap
(0Ch) instructions, and also configure the number of bytes of ‘Wrap Length’ for the Burst Read with Wrap (0Ch)
instruction.
In Standard SPI mode, the Set Read Parameters (C0h) instruction is not accepted. The dummy clocks for various
Fast Read instructions in Standard/Dual/Quad SPI mode are fixed. See the corresponding instruction. The
encoding for the number of dummy clocks and wrap length are shown in the following tables. The default ‘Wrap
Length’ after a power up or a Reset instruction is 8 bytes, the default number of dummy clocks is 4.
Figure 8-55. Set Read Parameters instruction (QPI Mode)
Table 8-7.
Dummy Clock Encoding
P5, P4
Dummy
Clocks
Maximum
Read Frequency
00
4
80 MHz
01
4
80 MHz
10
6
104 MHz
Table 8-8.
Wrap Length Encoding
P1, P0
Wrap Length
00
8-bytes
01
16-bytes
10
32-bytes
11
64-bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com