Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SL321 Datasheet(PDF) 13 Page - Dialog Semiconductor

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL321 Datasheet(HTML) 13 Page - Dialog Semiconductor

Back Button AT25SL321 Datasheet HTML 9Page - Dialog Semiconductor AT25SL321 Datasheet HTML 10Page - Dialog Semiconductor AT25SL321 Datasheet HTML 11Page - Dialog Semiconductor AT25SL321 Datasheet HTML 12Page - Dialog Semiconductor AT25SL321 Datasheet HTML 13Page - Dialog Semiconductor AT25SL321 Datasheet HTML 14Page - Dialog Semiconductor AT25SL321 Datasheet HTML 15Page - Dialog Semiconductor AT25SL321 Datasheet HTML 16Page - Dialog Semiconductor AT25SL321 Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 82 page
background image
12
AT25SL321
DS-25SL321–112H–2020-10
7.
Status Register
The Read Status Register instruction can be used to provide status on the availability of the Flash memory array, if
the device is write enabled or disabled the state of write protection and the Quad SPI setting. The Write Status
Register instruction can be used to configure the devices writes protection features and Quad SPI setting. Write
access to the Status Register is controlled by in some cases of the WP pin.
7.1
Busy
BUSY is a read-only bit in the Status register (S0) that hardware sets to 1 whenever the device is executing a Page
Program, Erase, Write Status Register or Write Security Register instruction. During this time the device ignores
further instructions, except for the Read Status Register and Erase / Program Suspend instruction (see tW, tPP, tSE,
tBE1, tBE2, and tCE in AC Characteristics). When the Program, Erase, Write Status Register or Write Security
Register instruction has completed, hardware clears the BUSY bit to 0, indicating the device is ready for further
instructions.
7.2
Write Enable Latch (WEL)
The Write Enable Latch (WEL) is a read-only bit in the Status register (S1) that hardware sets to 1 after executing
a Write Enable (06h) instruction. Hardware clears the WEL bit when the device is write disabled. A write disable
state occurs upon power-up or after any of the following instructions: Write Disable, Page Program, Erase, and
Write Status Register.
7.3
Status Register Protect (SRP1, SRP0)
The Status Register Protect bits (SRP1 and SRP0) are non-volatile read/write bits in the Status register (S8
and S7). The SRP bits control the method of write protection. These include software protection, hardware
protection, power supply lock-down or one time programmable (OTP) protection.
Table 7-1.
Status Register-1
S7
S6
S5
S4
S3
S2
S1
S0
SRP
(R)
(R)
(R)
(R)
(R)0
WEL
BUSY
Status Register
Protect 0 (Non-
Volatile)
Reserved
Reserved
Reserved
Reserved
Reserved
Write
Enable
Latch
Erase or
Write in
Progress
Table 7-2.
Status Register-2
S15
S14
S13
S12
S11
S10
S9
S8
SUS
(R)
(R)
(R)
(R)
(R)
QE
SRP1
Suspend
Status
Reserved
Reserved
Reserved
Reserved
Reserved
Quad Enable
(Non- Volatile)
Status Register
Protect 1 (Non-
Volatile)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com