Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SL321 Datasheet(PDF) 28 Page - Dialog Semiconductor

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL321 Datasheet(HTML) 28 Page - Dialog Semiconductor

Back Button AT25SL321 Datasheet HTML 24Page - Dialog Semiconductor AT25SL321 Datasheet HTML 25Page - Dialog Semiconductor AT25SL321 Datasheet HTML 26Page - Dialog Semiconductor AT25SL321 Datasheet HTML 27Page - Dialog Semiconductor AT25SL321 Datasheet HTML 28Page - Dialog Semiconductor AT25SL321 Datasheet HTML 29Page - Dialog Semiconductor AT25SL321 Datasheet HTML 30Page - Dialog Semiconductor AT25SL321 Datasheet HTML 31Page - Dialog Semiconductor AT25SL321 Datasheet HTML 32Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 82 page
background image
27
AT25SL321
DS-25SL321–112H–2020-10
8.12 Fast Read Quad Output (6Bh)
By using four pins (IO0, IO1, IO2, and IO3), The Fast Read Quad Output instruction allows data to be transferred
from the AT25SL321 at four times the rate of standard SPI devices. A Quad Enable bit of Status Register-2 must
be set before the device accepts the Fast Read Quad Output instruction (Status Register bit QE must equal 1).
The Fast Read Quad Output instruction can operate at the highest possible frequency of FR (see AC Electrical
Characteristics). This is accomplished by adding eight “dummy” clocks after the 24- bit address as shown in Figure
8-15. The dummy clocks allow the internal circuits additional time for setting up the initial address. During the
dummy clocks, the data value on the SO pin is a “don’t care”. However, the IO0 pin is going to be high-impedance
prior to the falling edge of the first data out clock.
Figure 8-15. Fast Read Quad Output Instruction (SPI Mode)
8.13 Fast Read Dual I/O (BBh)
The Fast Read Dual I/O instruction reduces cycle overhead through double access using two IO pins: IO0 and IO1.
Continuous Read Mode
This instruction can further reduce cycle overhead by setting the Mode bits (M7-0) after the input address bits
(A23-0). The upper nibble of the Mode field (M7-4) controls the length of the next Fast Read Dual I/O instruction
through the inclusion or exclusion of the first byte instruction code. The lower nibble bits of the Mode f i e l d (M3-
0) are don’t care (“X”); however, the I/O pins are high-impedance before the falling edge of the first data out
clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com