Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SL321 Datasheet(PDF) 2 Page - Dialog Semiconductor

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL321 Datasheet(HTML) 2 Page - Dialog Semiconductor

  AT25SL321 Datasheet HTML 1Page - Dialog Semiconductor AT25SL321 Datasheet HTML 2Page - Dialog Semiconductor AT25SL321 Datasheet HTML 3Page - Dialog Semiconductor AT25SL321 Datasheet HTML 4Page - Dialog Semiconductor AT25SL321 Datasheet HTML 5Page - Dialog Semiconductor AT25SL321 Datasheet HTML 6Page - Dialog Semiconductor AT25SL321 Datasheet HTML 7Page - Dialog Semiconductor AT25SL321 Datasheet HTML 8Page - Dialog Semiconductor AT25SL321 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 82 page
background image
DS-25SL321–112H–10/2020
DATASHEET
AT25SL321
32-Mbit, 1.7 V Minimum SPI Serial Flash Memory
with Dual I/O, Quad I/O and QPI Support
Features
Single 1.7 V - 2.0 V Supply
Serial Peripheral Interface (SPI) and Quad Peripheral Interface (QPI) Compatible
- Supports SPI Modes 0 and 3
- Supports Dual Output Read and Quad I/O Program and Read
- Supports QPI Program and Read
- 104 MHz Maximum Operating Frequency
- Clock-to-Output (t
V1) of 6 ns
- Up tp 65 Mbytes/s continuous data transfer rate
Full Chip Erase
Flexible, Optimized Erase Architecture for Code and Data Storage Applications
- 0.6 ms Typical Page Program (256 bytes) Time
- 60 ms Typical 4 kbyte Block Erase Time
- 200 ms Typical 32 kbyte Block Erase Time
- 300 ms Typical 64 kbyte Block Erase Time
Hardware Controlled Locking of Protected Blocks via WP Pin
4 kbit secured One-Time Programmable Security Register
Hardware Write Protection
Serial Flash Discoverable Parameters (SFDP) Register
Flexible Programming
- Byte/Page Program (1 to 256 bytes)
- Dual or Quad Input Byte/Page Program (1 to 256 bytes)
- Accelerated programming mode via 9V ACC pin
Erase/Program Suspend and Resume
JEDEC Standard Manufacturer and Device ID Read Methodology
Low Power Dissipation
- 2 µA Deep Power-Down Current (Typical)
- 10 µA Standby current (Typical)
- 5 mA Active Read Current (Typical)
Endurance: 100,000 program/erase cycles (4, 32, or 64 kbyte blocks)
Data Retention: 20 Years
Industrial Temperature Range: -40 °C to +85 °C
Industry Standard Green (Pb/Halide-free/RoHS Compliant) Package Options
- 8S4, 8-lead SOIC (208-mil)
- 8MA1, 8-pad UDFN (6 x 5 x 0.6 mm)
- 8MA2, 8-pad USON(3 x 4 x 0.55 mm)
- 8S1, 8-lead SOIC (150 mil)
- 8-ball WLCSP, die Ball Grid Array (dBGA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com