Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SL321 Datasheet(PDF) 31 Page - Dialog Semiconductor

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL321 Datasheet(HTML) 31 Page - Dialog Semiconductor

Back Button AT25SL321 Datasheet HTML 27Page - Dialog Semiconductor AT25SL321 Datasheet HTML 28Page - Dialog Semiconductor AT25SL321 Datasheet HTML 29Page - Dialog Semiconductor AT25SL321 Datasheet HTML 30Page - Dialog Semiconductor AT25SL321 Datasheet HTML 31Page - Dialog Semiconductor AT25SL321 Datasheet HTML 32Page - Dialog Semiconductor AT25SL321 Datasheet HTML 33Page - Dialog Semiconductor AT25SL321 Datasheet HTML 34Page - Dialog Semiconductor AT25SL321 Datasheet HTML 35Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 82 page
background image
30
AT25SL321
DS-25SL321–112H–2020-10
Wrap Around in SPI mode
The Fast Read Quad I/O instruction can also be used to access specific portion within a page by issuing a Set
Burst with Wrap (77h) instruction prior Fast Read Quad I/O (EBh) instruction. The Set Burst with Wrap (77h)
instruction can either enable or disable the Wrap Around feature for the following Fast Read Quad I/O instruction.
When Wrap Around is enabled, the data being accessed can be limited to an 8/16/32/64-byte section of a 256-
byte page. The output data starts at the initial address specified in the instruction, once it reaches the ending
boundary of the 8/16/32/64-byte section, the output wraps around to the beginning boundary automatically until
CS is pulled high to terminate the instruction.
The Burst with Wrap feature allows applications that use cache to quickly fetch a critical address and then fill
the cache afterwards within a fixed length (8/16/32/64-byte) of data without issuing multiple read instructions.
(See Section 8.32 Set Burst with Wrap).
Fast Read Quad I/O in QPI mode
When QPI mode in enabled, the number of dummy clocks is configured by the Set Read Parameters (C0h)
instruction to accommodate a wide range applications with different needs for either maximum Fast Read
frequency or minimum data access latency. Depending on the Read Parameter Bits P[4] and P[5] setting, the
number of dummy clocks can be configured as either 4 or 6 or 8. The default number of dummy clocks upon
power up or after a Reset (99h) instruction is 4.
The Continuous Read Mode feature is also available in QPI mode for Fast Read Quad I/O instruction. In QPI
mode, the Continuous Read Mode bits M7-0 are also considered as dummy clocks. In the default setting, the data
output needs to follow the Continuous Read Mode bits immediately.
The Wrap Around feature is not available in QPI mode for Fast Read Quad I/O instruction. To perform a read
operation with fixed data length wrap around in QPI mode, a Burst Read with Wrap (0Ch) instruction must be
used. For more information, see Section 8.33, Burst Read with Wrap.
Figure 8-20. Fast Read Quad I/O Instruction (Initial instruction or previous M7-0 ≠ Axh, QPI mode, 80 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com