Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SL321 Datasheet(PDF) 23 Page - Dialog Semiconductor

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL321 Datasheet(HTML) 23 Page - Dialog Semiconductor

Back Button AT25SL321 Datasheet HTML 19Page - Dialog Semiconductor AT25SL321 Datasheet HTML 20Page - Dialog Semiconductor AT25SL321 Datasheet HTML 21Page - Dialog Semiconductor AT25SL321 Datasheet HTML 22Page - Dialog Semiconductor AT25SL321 Datasheet HTML 23Page - Dialog Semiconductor AT25SL321 Datasheet HTML 24Page - Dialog Semiconductor AT25SL321 Datasheet HTML 25Page - Dialog Semiconductor AT25SL321 Datasheet HTML 26Page - Dialog Semiconductor AT25SL321 Datasheet HTML 27Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 82 page
background image
22
AT25SL321
DS-25SL321–112H–2020-10
8.6
Write Status Register (01h)
The Write Status Register instruction is to write the non-volatile Status Register-1 bit (SRP0) and Status
Register-2 bits (QE and SRP1). All other Status Register bit locations are read-only and are not affected by the
Write Status Register instruction.
A Write Enable (06h) instruction must have been previously issued prior to setting Write Status Register
Instruction (Status Register bit WEL = 1). Once the write is enabled, the instruction is entered by driving CS low,
sending the instruction code, and then writing the status register data byte as illustrated in Figure 8-6 and Figure 8-
7.
The CS pin must be driven high after the eighth or sixteenth bit of data that is clocked in. If this is not done the
Write Status Register instruction can not be executed. If CS is driven high after the eighth clock, hardware clears
the CMP, QE and SRP1 bits to 0. After CS is driven high, the self- timed Write Status Register cycle commences
for a time duration of tw (See AC Characteristics).
While the Write Status Register cycle is in progress, the Read Status Register instruction can still be accessed to
check the status of the BUSY bit. The BUSY bit is set during the Write Status Register cycle and cleared
when the cycle is finished to indicate the device is ready to accept other instructions. When the BUSY bit is
asserted, the Write Enable Latch (WEL) bit in Status Register is cleared to 0.
Figure 8-6. Write Status Register Instruction (SPI Mode)
Figure 8-7. Write Status Register Instruction (QPI Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com