Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SL321 Datasheet(PDF) 8 Page - Dialog Semiconductor

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL321 Datasheet(HTML) 8 Page - Dialog Semiconductor

Back Button AT25SL321 Datasheet HTML 4Page - Dialog Semiconductor AT25SL321 Datasheet HTML 5Page - Dialog Semiconductor AT25SL321 Datasheet HTML 6Page - Dialog Semiconductor AT25SL321 Datasheet HTML 7Page - Dialog Semiconductor AT25SL321 Datasheet HTML 8Page - Dialog Semiconductor AT25SL321 Datasheet HTML 9Page - Dialog Semiconductor AT25SL321 Datasheet HTML 10Page - Dialog Semiconductor AT25SL321 Datasheet HTML 11Page - Dialog Semiconductor AT25SL321 Datasheet HTML 12Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 82 page
background image
7
AT25SL321
DS-25SL321–112H–2020-10
HOLD
(I/O3)
HOLD
The HOLD pin is used to pause a serial sequence of the SPI flash memory without resetting
the clocking sequence. To enable the HOLD mode, the CS must be in low state. The HOLD
mode effects on with the falling edge of the HOLD signal with CLK being low. The HOLD
mode ends on the rising edge of HOLD signal with SCK being low.
In other words, HOLD mode can't be entered unless SCK is low at the falling edge of the
HOLD signal. And HOLD mode can't be exited unless SCK is low at the rising edge of the
HOLD signal.
If CS is driven high during a HOLD condition, it resets the internal logic of the device. As long
as HOLD signal is low, the memory remains in the HOLD condition. To re-work
communication with the device, HOLD must go high, and CS must go low. See
Figure 9.11
for HOLD timing.
-
Input/Output
VCC
DEVICE POWER SUPPLY: VCC is the supply voltage. It is the single voltage used for all
device functions including read, program, and erase. The VCC pin is used to supply the
source voltage to the device. Operations at invalid VCC voltages produce spurious results; do
not attempt them.
-
Power
GND
GROUND:
VSS is the reference for the VCC supply voltage. The ground reference for the
power supply. Connect GND to the system ground.
-
Power
Table 2-1.
Pin Descriptions (continued)
Symbol
Name and Function
Asserted
State
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com