Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SL321 Datasheet(PDF) 27 Page - Dialog Semiconductor

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL321 Datasheet(HTML) 27 Page - Dialog Semiconductor

Back Button AT25SL321 Datasheet HTML 23Page - Dialog Semiconductor AT25SL321 Datasheet HTML 24Page - Dialog Semiconductor AT25SL321 Datasheet HTML 25Page - Dialog Semiconductor AT25SL321 Datasheet HTML 26Page - Dialog Semiconductor AT25SL321 Datasheet HTML 27Page - Dialog Semiconductor AT25SL321 Datasheet HTML 28Page - Dialog Semiconductor AT25SL321 Datasheet HTML 29Page - Dialog Semiconductor AT25SL321 Datasheet HTML 30Page - Dialog Semiconductor AT25SL321 Datasheet HTML 31Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 82 page
background image
26
AT25SL321
DS-25SL321–112H–2020-10
8.11 Fast Read Dual Output (3Bh)
By using two pins (IO0 and IO1, instead of just IO0), the Fast Read Dual Output instruction allows data to be
transferred from the AT25SL321 at twice the rate of standard SPI devices. The Fast Read Dual Output instruction
is ideal for quickly downloading code from Flash to RAM upon power-up or for application that cache code-
segments to the RAM for execution.
The Fast Read Dual Output instruction can operate at the highest possible frequency of FR (see AC Electrical
Characteristics). After the 24-bit address, eight “dummy” clocks are inserted to allow the internal circuits time set up
the initial address. During the dummy clocks, the data value on the SO pin is a “don’t care”. However, the IO0 pin is
going to be high-impedance prior to the falling edge of the first data out clock. This is shown in Figure 8-14.
Figure 8-14. Fast Read Dual Output Instruction (SPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com