Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SL321 Datasheet(PDF) 25 Page - Dialog Semiconductor

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL321 Datasheet(HTML) 25 Page - Dialog Semiconductor

Back Button AT25SL321 Datasheet HTML 21Page - Dialog Semiconductor AT25SL321 Datasheet HTML 22Page - Dialog Semiconductor AT25SL321 Datasheet HTML 23Page - Dialog Semiconductor AT25SL321 Datasheet HTML 24Page - Dialog Semiconductor AT25SL321 Datasheet HTML 25Page - Dialog Semiconductor AT25SL321 Datasheet HTML 26Page - Dialog Semiconductor AT25SL321 Datasheet HTML 27Page - Dialog Semiconductor AT25SL321 Datasheet HTML 28Page - Dialog Semiconductor AT25SL321 Datasheet HTML 29Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 82 page
background image
24
AT25SL321
DS-25SL321–112H–2020-10
8.8
Read Data (03h)
The Read Data instruction is used to read data out from the memory. The instruction is initiated by driving the CS
pin low and then sending the instruction code 03h, followed by a 24-bit address (A23- A0), onto the SI pin. After
the address is received, the data byte of the addressed memory location is shifted out on the SO pin at the falling
edge of SCK with the most significant bit (MSB) first. The address is automatically incremented to the next higher
address after byte of data is shifted out allowing for a continuous stream of data. This means that the entire
memory can be accessed with a single instruction as long as the clock continues.
The instruction is completed by driving CS high. The Read Data instruction sequence is shown in Figure 8-10. If a
Read Data instruction is issued while an Erase, Program or Write Status Register cycle is in process (BUSY = 1)
the instruction is ignored and does not have any effect on the current cycle. The Read Data instruction allows clock
rates from D.C. to a maximum of fR (see AC Electrical Characteristics).
Figure 8-10. Read Data Instruction
8.9
Fast Read (0Bh)
The Fast Read instruction can operate at the highest possible frequency of FR. The OBh instruction is driven onto
the SI pin, followed by the 24-bit address, and is latched on the rising edge of SCK. The address is then followed
by 8 dummy clocks as shown in Figure 8-11. The dummy clocks allows the internal circuits time to set up the initial
address. During the dummy clocks, the data value on the SO pin is a “don’t care”. Data of each bit shifts out on the
falling edge of SCK.
Figure 8-11. Fast Read Instruction (SPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com