Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SL321 Datasheet(PDF) 24 Page - Dialog Semiconductor

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL321 Datasheet(HTML) 24 Page - Dialog Semiconductor

Back Button AT25SL321 Datasheet HTML 20Page - Dialog Semiconductor AT25SL321 Datasheet HTML 21Page - Dialog Semiconductor AT25SL321 Datasheet HTML 22Page - Dialog Semiconductor AT25SL321 Datasheet HTML 23Page - Dialog Semiconductor AT25SL321 Datasheet HTML 24Page - Dialog Semiconductor AT25SL321 Datasheet HTML 25Page - Dialog Semiconductor AT25SL321 Datasheet HTML 26Page - Dialog Semiconductor AT25SL321 Datasheet HTML 27Page - Dialog Semiconductor AT25SL321 Datasheet HTML 28Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 82 page
background image
23
AT25SL321
DS-25SL321–112H–2020-10
8.7
Write Status Register-2 (31h)
The Write Status Register-2 instruction is to write only non-volatile Status Register-2 bits (CMP, QE, and SRP1).
A Write Enable instruction must have previously been issued prior to setting Write Status Register Instruction
(Status Register bit WEL = 1). Once the write enable occurs, the Write Status Register 2 instruction is entered by
driving CS low, sending the instruction code (31h), and then writing the Status Register 2 data byte as illustrated in
Figure 8-8 and Figure 8-9.
Using t h e Write Status Register-2 (31h) instruction, software can individually access each one-byte status
registers via different instructions.
Figure 8-8. Write Status Register-2 Instruction (SPI Mode)
Figure 8-9. Write Status Register-2 Instruction (QPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com